công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM53CF94JC bảng dữ liệu(PDF) 49 Page - Advanced Micro Devices

tên linh kiện AM53CF94JC
Giải thích chi tiết về linh kiện  Enhanced SCSI-2 Controller (ESC)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM53CF94JC bảng dữ liệu(HTML) 49 Page - Advanced Micro Devices

Back Button AM53CF94JC Datasheet HTML 45Page - Advanced Micro Devices AM53CF94JC Datasheet HTML 46Page - Advanced Micro Devices AM53CF94JC Datasheet HTML 47Page - Advanced Micro Devices AM53CF94JC Datasheet HTML 48Page - Advanced Micro Devices AM53CF94JC Datasheet HTML 49Page - Advanced Micro Devices AM53CF94JC Datasheet HTML 50Page - Advanced Micro Devices AM53CF94JC Datasheet HTML 51Page - Advanced Micro Devices AM53CF94JC Datasheet HTML 52Page - Advanced Micro Devices AM53CF94JC Datasheet HTML 53Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 76 page
background image
P R E L I M I N A R Y
AMD
49
Am53CF94/Am53CF96
6tS
INT
to
RD
Set Up Time
0
ns
7tPD
RD
to
INT
Delay
0
100
ns
8tPWL
RD Pulse Width Low
50
ns
9tPD
RD
to
INT
Delay
tL
ns
Parameter
No.
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
INT
RD
Interrupt Output
68
9
7
Note:
There is a one-to-one relationship between every AMD and Emulex Parameter (refer to Appendix B).
Parameter
No.
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
Reset Input
5tPWH
Reset Pulse Width High
500
ns
Note:
There is a one-to-one relationship between every AMD and Emulex Parameter (refer to Appendix B).
RESET
5
17348B-38
17348B-39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76