công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADG1209 bảng dữ liệu(PDF) 14 Page - Analog Devices

tên linh kiện ADG1209
Giải thích chi tiết về linh kiện  Low Capacitance, 4-/8-Channel 15 V/12 V iCMOS Multiplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADG1209 bảng dữ liệu(HTML) 14 Page - Analog Devices

Back Button ADG1209 Datasheet HTML 10Page - Analog Devices ADG1209 Datasheet HTML 11Page - Analog Devices ADG1209 Datasheet HTML 12Page - Analog Devices ADG1209 Datasheet HTML 13Page - Analog Devices ADG1209 Datasheet HTML 14Page - Analog Devices ADG1209 Datasheet HTML 15Page - Analog Devices ADG1209 Datasheet HTML 16Page - Analog Devices ADG1209 Datasheet HTML 17Page - Analog Devices ADG1209 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ADG1208/ADG1209
Rev. B | Page 14 of 20
TERMINOLOGY
RON
Ohmic resistance between D and S.
ΔRON
Difference between the RON of any two channels.
IS (Off)
Source leakage current when the switch is off.
ID (Off)
Drain leakage current when the switch is off.
ID, IS (On)
Channel leakage current when the switch is on.
VD (VS)
Analog voltage on Terminal D, Terminal S.
CS (Off)
Channel input capacitance for off condition.
CD (Off)
Channel output capacitance for off condition.
CD, CS (On)
On switch capacitance.
CIN
Digital input capacitance.
tON (EN)
Delay time between the 50% and 90% points of the digital input
and switch on condition.
tOFF (EN)
Delay time between the 50% and 90% points of the digital input
and switch off condition.
tTRANSITION
Delay time between the 50% and 90% points of the digital
inputs and the switch on condition when switching from one
address state to another.
TBBM
Off time measured between the 80% point of both switches
when switching from one address state to another.
VINL
Maximum input voltage for Logic 0.
VINH
Minimum input voltage for Logic 1.
IINL (IINH)
Input current of the digital input.
IDD
Positive supply current.
ISS
Negative supply current.
Off Isolation
A measure of unwanted signal coupling through an off channel.
Charge Injection
A measure of the glitch impulse transferred from the digital
input to the analog output during switching.
Bandwidth
The frequency at which the output is attenuated by 3 dB.
On Response
The frequency response of the on switch.
Total Harmonic Distortion + Noise (THD + N)
The ratio of the harmonic amplitude plus noise of the signal to
the fundamental.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com