| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM29F016B-70FC bảng dữ liệu(PDF) 31 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29F016B-70FC bảng dữ liệu(HTML) 31 Page - Advanced Micro Devices |
|
31 / 38 page ![]() Am29F016B 31 P R E L I M I NARY AC CHARACTERISTICS Temporary Sector Unprotect Note: Not 100% tested. Parameter All Speed Options JEDEC Std. Description Unit tVIDR VID Rise and Fall Time (See Note) Min 500 ns tRSP RESET# Setup Time for Temporary Sector Unprotect Min 4 µs Enter Erase Erase Erase Enter Erase Suspend Program Erase Suspend Read Erase Suspend Read Erase WE# DQ6 DQ2 Erase Complete Erase Suspend Suspend Program Resume Embedded Erasing Note: The system may use OE# or CE# to toggle DQ2 and DQ6. DQ2 toggles only when read at an address within the erase-suspended sector. 21444B-22 Figure 15. DQ2 vs. DQ6 RESET# tVIDR 12 V 0 or 5 V CE# WE# RY/BY# tVIDR tRSP Program or Erase Command Sequence 0 or 5 V 21444B-23 Figure 16. Temporary Sector Group Unprotect Timings |