| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM29F016B-70FC bảng dữ liệu(PDF) 23 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29F016B-70FC bảng dữ liệu(HTML) 23 Page - Advanced Micro Devices |
|
23 / 38 page ![]() Am29F016B 23 P R E L I M I NARY DC CHARACTERISTICS TTL/NMOS Compatible CMOS Compatible Notes for DC Characteristics (both tables): 1. The ICC current is typically less than 1 mA/MHz, with OE# at VIH. 2. ICC active while Embedded Program or Embedded Erase algorithm is in progress. 3. Not 100% tested. Parameter Symbol Parameter Description Test Description Min Typ Max Unit ILI Input Load Current VIN = VSS to VCC, VCC = VCC Max ±1.0 µA ILIT A9 Input Load Current VCC = VCC Max, A9 = 12.5 V 50 µA ILO Output Leakage Current VOUT = VSS to VCC, VCC = VCC Max ±1.0 µA ICC1 VCC Read Current (Note 1) CE# = VIL, OE# = VIH 25 40 mA ICC2 VCC Write Current (Notes 2, 3) CE# = VIL, OE# = VIH 40 60 mA ICC3 VCC Standby Current (CE# Controlled) VCC = VCC Max, CE# = VIH, RESET# = VIH 0.4 1.0 mA ICC4 VCC Standby Current (RESET# Controlled) VCC = VCC Max, RESET# = VIL 0.4 1.0 mA VIL Input Low Level –0.5 0.8 V VIH Input High Level 2.0 VCC + 0.5 V VID Voltage for Autoselect and Sector Protect VCC = 5.0 V 11.5 12.5 V VOL Output Low Voltage IOL = 12 mA, VCC = VCC Min 0.45 V VOH Output High Level IOH = –2.5 mA VCC = VCC Min 2.4 V VLKO Low VCC Lock-out Voltage 3.2 4.2 V Parameter Symbol Parameter Description Test Description Min Typ Max Unit ILI Input Load Current VIN = VSS to VCC, VCC = VCC Max ±1.0 µA ILIT A9 Input Load Current VCC = VCC Max, A9 = 12.5 V 50 µA ILO Output Leakage Current VOUT = VSS to VCC, VCC = VCC Max ±1.0 µA ICC1 VCC Read Current (Note 1) CE# = VIL, OE# = VIH 25 40 mA ICC2 VCC Write Current (Notes 2, 3) CE# = VIL, OE# = VIH 30 40 mA ICC3 VCC Standby Current (CE# Controlled) VCC = VCC Max, CE# = VCC ± 0.5 V, RESET# = VCC ± 0.5 V 15 µA ICC4 VCC Standby Current (RESET# Controlled) VCC = VCC Max, RESET# = VSS ± 0.5 V 15 µA VIL Input Low Level –0.5 0.8 V VIH Input High Level 0.7x VCC VCC + 0.3 V VID Voltage for Autoselect and Sector Protect VCC = 5.0 V 11.5 12.5 V VOL Output Low Voltage IOL = 12 mA, VCC = VCC Min 0.45 V VOH1 Output High Voltage IOH = –2.5 mA, VCC = VCC Min 0.85 VCC V VOH2 IOH = –100 µA, VCC = VCC Min VCC – 0.4 V VLKO Low VCC Lock-out Voltage 3.2 4.2 V |