| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC24HJ128GP310 bảng dữ liệu(PDF) 105 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24HJ128GP310 bảng dữ liệu(HTML) 105 Page - Microchip Technology |
|
105 / 286 page ![]() © 2007 Microchip Technology Inc. DS70175F-page 103 PIC24HJXXXGPX06/X08/X10 REGISTER 6-29: IPC14: INTERRUPT PRIORITY CONTROL REGISTER 14 U-0 U-0 U-0 U-0 U-0 U-0 U-0 U-0 — — — — — — — — bit 15 bit 8 U-0 U-0 U-0 U-0 U-0 R/W-1 R/W-0 R/W-0 — — — — — C2IP<2:0> bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 15-3 Unimplemented: Read as ‘0’ bit 2-0 C2IP<2:0>: ECAN2 Event Interrupt Priority bits 111 = Interrupt is priority 7 (highest priority interrupt) • • • 001 = Interrupt is priority 1 000 = Interrupt source is disabled |