công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM186 bảng dữ liệu(PDF) 17 Page - Advanced Micro Devices

tên linh kiện AM186
Giải thích chi tiết về linh kiện  High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186 bảng dữ liệu(HTML) 17 Page - Advanced Micro Devices

Back Button AM186 Datasheet HTML 13Page - Advanced Micro Devices AM186 Datasheet HTML 14Page - Advanced Micro Devices AM186 Datasheet HTML 15Page - Advanced Micro Devices AM186 Datasheet HTML 16Page - Advanced Micro Devices AM186 Datasheet HTML 17Page - Advanced Micro Devices AM186 Datasheet HTML 18Page - Advanced Micro Devices AM186 Datasheet HTML 19Page - Advanced Micro Devices AM186 Datasheet HTML 20Page - Advanced Micro Devices AM186 Datasheet HTML 21Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 112 page
background image
Am186TMER and Am188TMER Microcontrollers Data Sheet
17
DRAF
T
TQFP PIN ASSIGNMENTS—Am186™ER MICROCONTROLLER
(Sorted by Pin Number)
Pin No.
Name
Pin No. Name
Pin No.
Name
Pin No.
Name
1
AD0
26
SCLK/PIO20
51
A11
76
INT3/INTA1/IRQ
2
AD8
27
BHE/ADEN
52
A10
77
INT2/INTA0
3
AD1
28
WR
53
A9
78
INT1/SELECT
4
AD9
29
RD
54
A8
79
INT0
5
AD2
30
ALE
55
A7
80
UCS/ONCE1
6
AD10
31
ARDY
56
A6
81
LCS/ONCE0
7
AD3
32
S2
57
A5
82
PCS6/A2/PIO2
8
AD11
33
S1/IMDIS
58
A4
83
PCS5/A1/PIO3
9
AD4
34
S0/SREN
59
A3
84
VCC
10
AD12
35
GND
60
A2
85
PCS3/PIO19
11
AD5
36
X1
61
VCC
86
PCS2/PIO18
12
GND
37
X2
62
A1
87
GND
13
AD13
38
VCC
63
A0
88
PCS1/PIO17
14
AD6
39
CLKOUTA
64
GND
89
PCS0/PIO16
15
VCC
40
CLKOUTB
65
WHB
90
VCC
16
AD14
41
GND
66
WLB
91
MCS2
17
AD7
42
A19/PIO9
67
HLDA
92
MCS3/RFSH
18
AD15
43
A18/PIO8
68
HOLD
93
GND
19
S6/CKLSEL1/PIO29
44
VCC
69
SRDY/PIO6
94
RES
20
UZI/CLKSEL2/PIO26
45
A17/PIO7
70
NMI
95
TMRIN1/PIO0
21
TXD
46
A16
71
DT/R/PIO4
96
TMROUT1/PIO1
22
RXD
47
A15
72
DEN/PIO5
97
TMROUT0/PIO10
23
SDATA/PIO21
48
A14
73
MCS0/PIO14
98
TMRIN0/PIO11
24
SDEN1/PIO23
49
A13
74
MCS1/PIO15
99
DRQ1/PIO13
25
SDEN0/PIO22
50
A12
75
INT4
100
DRQ0/PIO12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More