| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
A40MX02 bảng dữ liệu(PDF) 6 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
A40MX02 bảng dữ liệu(HTML) 6 Page - Microsemi Corporation |
|
6 / 142 page ![]() 40MX and 42MX FPGA Families 1- 2 R ev isio n 1 1 The 42MX devices contain three types of logic modules: combinatorial (C-modules), sequential (S- modules) and decode (D-modules). Figure 1-2 illustrates the combinatorial logic module. The S-module, shown in Figure 1-3, implements the same combinatorial logic function as the C-module while adding a sequential element. The sequential element can be configured as either a D-flip-flop or a transparent latch. The S-module register can be bypassed so that it implements purely combinatorial logic. Figure 1-1 • 40MX Logic Module Figure 1-2 • 42MX C-Module Implementation D00 D01 D10 D11 S0 S1 Y A0 B0 A1 B1 |