công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ACPL-331J bảng dữ liệu(PDF) 22 Page - AVAGO TECHNOLOGIES LIMITED

tên linh kiện ACPL-331J
Giải thích chi tiết về linh kiện  1.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Trang chủ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-331J bảng dữ liệu(HTML) 22 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-331J Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 18Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 19Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 20Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 21Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 22Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 23Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image

Pull-up Resistor on FAULT Pin
The FAULT pin is an open collector output and therefore
requires a pull-up resistor to provide a high-level signal.
Also the FAULT output can be wire ‘OR’ed together with
other types of protection (e.g. over-temperature, over-
voltage, over-current ) to alert the microcontroller.
Figure 38. Large IGBT drive with negative gate drive, external booster. VCLAMP control secondary discharge path for higher power application.
Figure 37. IGBT drive with negative gate drive, external booster and desaturation detection (VCLAMP should be connected to VEE when it is not used) VCLAMP is
used as secondary gate discharge path. * indicates component required for negative gate drive topology
Other Possible Application Circuit (Output Stage)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VE
VLED
DESAT
VCC2
VEE
VOUT
VCLAMP
VEE
VS
VCC1
FAULT
VS
CATHODE
ANODE
ANODE
CATHODE
+_
+_
RG
Q1
Q2
+
VCE
-
RPULL-DOWN
+ HVDC
- HVDC
3-PHASE
AC
+
VCE
-
0.1µF 0.1µF
0.1µF
Optional R1
Optional R2
RG
*
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VE
VLED
DESAT
VCC2
VEE
VOUT
VCLAMP
VEE
VS
VCC1
FAULT
VS
CATHODE
ANODE
ANODE
CATHODE
+_
+_
RG
Q1
Q2
+
VCE
-
RPULL-DOWN
+ HVDC
- HVDC
3-PHASE
AC
+
VCE
-
0.1µF 0.1µF
0.1µF
Optional R1
Optional R2
R3
9
RG
R3
*
Capacitor on FAULT Pin for High CMR
Rapid common mode transients can affect the fault pin
voltage while the fault output is in the high state. A 330
pF capacitor should be connected between the fault pin
and ground to achieve adequate CMOS noise margins at
the specified CMR value of 15 kV/µs. The added capaci-
tance does not increase the fault output delay when a
desaturation condition is detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com