công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ACPL-331J bảng dữ liệu(PDF) 19 Page - AVAGO TECHNOLOGIES LIMITED

tên linh kiện ACPL-331J
Giải thích chi tiết về linh kiện  1.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Trang chủ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-331J bảng dữ liệu(HTML) 19 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-331J Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 18Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 19Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 20Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 21Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 22Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 23Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
1
Figure 33. Recommended application circuit (Single Supply) with desaturation detection and active Miller Clamp
Description of Operation
Normal Operation
During normal operation, VOUT of the ACPL-331J is con-
trolled by input LED current IF (pins 5, 6, 7 and 8), with
the IGBT collector-to-emitter voltage being monitored
through DDESAT. The FAULT output is high. See Figure 34.
Fault Condition
The DESAT pin monitors the IGBT Vce voltage. When the
voltage on the DESAT pin exceeds 6.5 V while the IGBT is
on, VOUT is slowly brought low in order to“softly”turn-off
the IGBT and prevent large di/dt induced voltages. Also
Figure 34. Fault Timing diagramactivated is an internal
feedback channel which brings the FAULT output low for
the purpose of notifying the micro-controller of the fault
condition.
Fault Reset
Once fault is detected, the output will be muted for 5 μs
(minimum). All input LED signals will be ignored during
the mute period to allow the driver to completely soft
shut-down the IGBT. The fault mechanism can be reset by
the next LED turn-on after the 5us (minimum) mute time.
See Figure 34.
+_
+_
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VE
VLED
DESAT
VCC2
VEE
VOUT
VCLAMP
VEE
VS
VCC1
FAULT
VS
CATHODE
ANODE
ANODE
CATHODE
+_
RG
100 Ω
CBLANK
DDESAT
Q1
Q2
+
VCE
-
RF
R
RPULL-DOWN
+ HVDC
- HVDC
3-PHASE
AC
+
VCE
-
0.1µF 0.1µF
0.1µF
CF
7
+_
-
Figure 34. Fault Timing diagram
IF
VDESAT
VOUT
FAULT
6.5V
50%
tDESAT(LOW)
10%
tDESAT(10%)
90%
tDESAT(90%)
50%
tDESAT(FAULT)
tDESAT(MUTE))
50%
tRESET(FAULT)
Reset done
during the
next LED
turn-on
IF
VDESAT
VOUT
FAULT
FAULT
6.5V
50%
tDESAT(LOW)
10%
tDESAT(10%)
90%
tDESAT(90%)
50%
tDESAT(FAULT)
tDESAT(MUTE))
50%
tRESET(FAULT)
Reset done
during the
next LED
turn-on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com