công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

F1508 bảng dữ liệu(PDF) 167 Page - Microchip Technology

tên linh kiện F1508
Giải thích chi tiết về linh kiện  20-Pin Flash, 8-Bit Microcontrollers with XLP Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

F1508 bảng dữ liệu(HTML) 167 Page - Microchip Technology

Back Button F1508 Datasheet HTML 163Page - Microchip Technology F1508 Datasheet HTML 164Page - Microchip Technology F1508 Datasheet HTML 165Page - Microchip Technology F1508 Datasheet HTML 166Page - Microchip Technology F1508 Datasheet HTML 167Page - Microchip Technology F1508 Datasheet HTML 168Page - Microchip Technology F1508 Datasheet HTML 169Page - Microchip Technology F1508 Datasheet HTML 170Page - Microchip Technology F1508 Datasheet HTML 171Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 418 page
background image
 2011-2013 Microchip Technology Inc.
DS40001609C-page 167
PIC16(L)F1508/9
19.3
Timer1 Prescaler
Timer1 has four prescaler options allowing 1, 2, 4 or 8
divisions of the clock input. The T1CKPS bits of the
T1CON register control the prescale counter. The
prescale counter is not directly readable or writable;
however, the prescaler counter is cleared upon a write to
TMR1H or TMR1L.
19.4
Timer1 (Secondary) Oscillator
A dedicated low-power 32.768 kHz oscillator circuit is
built-in between pins S1OSI (input) and S1OSO (ampli-
fier output). This internal circuit is to be used in con-
junction with an external 32.768 kHz crystal. The
oscillator circuit is enabled by setting the T1OSCEN bit
of the T1CON register. The oscillator will continue to
run during Sleep.
19.5
Timer1 Operation in
Asynchronous Counter Mode
If control bit T1SYNC of the T1CON register is set, the
external clock input is not synchronized. The timer
increments asynchronously to the internal phase
clocks. If the external clock source is selected then the
timer will continue to run during Sleep and can
generate an interrupt on overflow, which will wake-up
the processor. However, special precautions in
software are needed to read/write the timer (see
Section 19.5.1 “Reading and Writing Timer1 in
Asynchronous Counter Mode”).
19.5.1
READING AND WRITING TIMER1 IN
ASYNCHRONOUS COUNTER
MODE
Reading TMR1H or TMR1L while the timer is running
from an external asynchronous clock will ensure a valid
read (taken care of in hardware). However, the user
should keep in mind that reading the 16-bit timer in two
8-bit values itself, poses certain problems, since the
timer may overflow between the reads.
For writes, it is recommended that the user simply stop
the timer and write the desired values. A write
contention may occur by writing to the timer registers,
while the register is incrementing. This may produce an
unpredictable value in the TMR1H:TMR1L register
pair.
19.6
Timer1 Gate
Timer1 can be configured to count freely or the count
can be enabled and disabled using Timer1 gate
circuitry. This is also referred to as Timer1 Gate Enable.
Timer1 gate can also be driven by multiple selectable
sources.
19.6.1
TIMER1 GATE ENABLE
The Timer1 Gate Enable mode is enabled by setting
the TMR1GE bit of the T1GCON register. The polarity
of the Timer1 Gate Enable mode is configured using
the T1GPOL bit of the T1GCON register.
When Timer1 Gate Enable mode is enabled, Timer1
will increment on the rising edge of the Timer1 clock
source. When Timer1 Gate Enable mode is disabled,
no incrementing will occur and Timer1 will hold the
current count. See Figure 19-3 for timing details.
19.6.2
TIMER1 GATE SOURCE
SELECTION
Timer1 gate source selections are shown in Table 19-4.
Source selection is controlled by the T1GSS<1:0> bits
of the T1GCON register. The polarity for each available
source is also selectable. Polarity selection is controlled
by the T1GPOL bit of the T1GCON register.
TABLE 19-4:
TIMER1 GATE SOURCES
Note:
The oscillator requires some time to start-up
and stabilize before use. The SOSCR bit in
the OSCSTAT register monitors the
oscillator and indicates when the oscillator is
ready for use. When T1OSCEN is set, the
SOSCR bit is cleared. After 1024 cycles of
the oscillator are countered, the SOSCR bit
is set, indicating that the oscillator should be
stable and ready for use.
Note:
When switching from synchronous to
asynchronous operation, it is possible to
skip an increment. When switching from
asynchronous to synchronous operation,
it is possible to produce an additional
increment.
TABLE 19-3:
TIMER1 GATE ENABLE
SELECTIONS
T1CLK
T1GPOL
T1G
Timer1 Operation
00
Counts
01
Holds Count
10
Holds Count
11
Counts
T1GSS
Timer1 Gate Source
00
Timer1 Gate pin (T1G)
01
Overflow of Timer0 (T0_overflow)
(TMR0 increments from FFh to 00h)
10
Comparator 1 Output (C1OUT_sync)(1)
11
Comparator 2 Output (C2OUT_sync)(1)
Note 1:
Optionally synchronized comparator output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com