công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

F1508 bảng dữ liệu(PDF) 165 Page - Microchip Technology

tên linh kiện F1508
Giải thích chi tiết về linh kiện  20-Pin Flash, 8-Bit Microcontrollers with XLP Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

F1508 bảng dữ liệu(HTML) 165 Page - Microchip Technology

Back Button F1508 Datasheet HTML 161Page - Microchip Technology F1508 Datasheet HTML 162Page - Microchip Technology F1508 Datasheet HTML 163Page - Microchip Technology F1508 Datasheet HTML 164Page - Microchip Technology F1508 Datasheet HTML 165Page - Microchip Technology F1508 Datasheet HTML 166Page - Microchip Technology F1508 Datasheet HTML 167Page - Microchip Technology F1508 Datasheet HTML 168Page - Microchip Technology F1508 Datasheet HTML 169Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 418 page
background image
 2011-2013 Microchip Technology Inc.
DS40001609C-page 165
PIC16(L)F1508/9
19.0 TIMER1 MODULE WITH GATE
CONTROL
The Timer1 module is a 16-bit timer/counter with the
following features:
• 16-bit timer/counter register pair (TMR1H:TMR1L)
• Programmable internal or external clock source
• 2-bit prescaler
• Optionally synchronized comparator out
• Multiple Timer1 gate (count enable) sources
• Interrupt on overflow
• Wake-up on overflow (external clock,
Asynchronous mode only)
• ADC Auto-Conversion Trigger(s)
• Selectable Gate Source Polarity
• Gate Toggle mode
• Gate Single-Pulse mode
• Gate Value Status
• Gate Event Interrupt
Figure 19-1 is a block diagram of the Timer1 module.
FIGURE 19-1:
TIMER1 BLOCK DIAGRAM
()
(
)
00
11
10
01
T1G
T0_overflow
C1OUT_sync
C2OUT_sync
T1GSS<1:0>
T1GPOL
0
1
Single Pulse
Acq. Control
1
0
T1GSPM
DQ
TMR1ON
T1GTM
set bit
TMR1GIF
T1GVAL
Q1
TMR1GE
TMR1ON
D
Q
EN
TMR1L
TMR1H
T1_overflow
set flag bit
TMR1IF
TMR1
(2)
1
0
SOSCI/T1CKI
SOSCO
T1OSCEN
Secondary
Oscillator
OUT
EN
1
0
Fosc
Internal Clock
Fosc/4
Internal Clock
LFINTOSC
TMR1CS<1:0>
00
11
10
01
Prescaler
1,2,4,8
To Clock Switching
Module
T1SYNC
Sleep
Input
Fosc/2
Internal
Clock
T1CKPS<1:0>
Synchronized Clock Input
2
det
Synchronize
(3)
1: ST Buffer is high speed type when using T1CKI.
2: Timer1 register increments on rising edge.
3: Synchronize does not operate while in Sleep.
(1)
Secondary Clock
D
Q
CK
R
Q
Note
T1GGO/DONE
T1CLK
det
Interrupt
Rev. 10-000018A
8/5/2013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com