| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DSPIC30F6010 bảng dữ liệu(PDF) 82 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC30F6010 bảng dữ liệu(HTML) 82 Page - Microchip Technology |
|
82 / 236 page ![]() TABLE 12-1: INPUT CAPTURE REGISTER MAP SFR Name Addr. Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Reset State IC1BUF 0140 Input 1 Capture Register uuuu uuuu uuuu uuuu IC1CON 0142 — —ICSIDL — — — — — ICTMR ICI<1:0> ICOV ICBNE ICM<2:0> 0000 0000 0000 0000 IC2BUF 0144 Input 2 Capture Register uuuu uuuu uuuu uuuu IC2CON 0146 — —ICSIDL — — — — — ICTMR ICI<1:0> ICOV ICBNE ICM<2:0> 0000 0000 0000 0000 IC7BUF 0158 Input 7 Capture Register uuuu uuuu uuuu uuuu IC7CON 015A — —ICSIDL — — — — — ICTMR ICI<1:0> ICOV ICBNE ICM<2:0> 0000 0000 0000 0000 IC8BUF 015C Input 8 Capture Register uuuu uuuu uuuu uuuu IC8CON 015E — —ICSIDL — — — — — ICTMR ICI<1:0> ICOV ICBNE ICM<2:0> 0000 0000 0000 0000 Legend: u = uninitialized bit Note: Refer to the “dsPIC30F Family Reference Manual” (DS70046) for descriptions of register bit fields. |