| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DSPIC30F6010 bảng dữ liệu(PDF) 71 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC30F6010 bảng dữ liệu(HTML) 71 Page - Microchip Technology |
|
71 / 236 page ![]() © 2007 Microchip Technology Inc. DS70135E-page 69 dsPIC30F4011/4012 FIGURE 10-2: 16-BIT TIMER2 BLOCK DIAGRAM FIGURE 10-3: 16-BIT TIMER3 BLOCK DIAGRAM TON Sync PR2 T2IF Equal Comparator x 16 TMR2 Reset Event Flag Q QD CK TGATE TCKPS<1:0> Prescaler 1, 8, 64, 256 2 TGATE TCY 1 0 1 x 0 1 0 0 Gate T2CK Sync TON PR3 T3IF Equal Comparator x 16 TMR3 Reset Event Flag Q QD CK TGATE TCKPS<1:0> Prescaler 1, 8, 64, 256 2 TGATE TCY 1 0 1 x 0 1 0 0 ADC Event Trigger Sync Note: The dsPIC30F4011/4012 devices do not have external pin inputs to Timer3. In these devices, the following modes should not be used: 1. TCS = 1. 2. TCS = 0 and TGATE = 1 (gated time accumulation). |