công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EVALAD5933EB bảng dữ liệu(PDF) 27 Page - Analog Devices

tên linh kiện EVALAD5933EB
Giải thích chi tiết về linh kiện  Evaluation Board for the 1 MSPS 12-Bit Impedance Converter Network Analyzer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

EVALAD5933EB bảng dữ liệu(HTML) 27 Page - Analog Devices

Back Button EVALAD5933EB Datasheet HTML 23Page - Analog Devices EVALAD5933EB Datasheet HTML 24Page - Analog Devices EVALAD5933EB Datasheet HTML 25Page - Analog Devices EVALAD5933EB Datasheet HTML 26Page - Analog Devices EVALAD5933EB Datasheet HTML 27Page - Analog Devices EVALAD5933EB Datasheet HTML 28Page - Analog Devices EVALAD5933EB Datasheet HTML 29Page - Analog Devices EVALAD5933EB Datasheet HTML 30Page - Analog Devices EVALAD5933EB Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
Preliminary Technical Data
EVAL-AD5933EB
Rev. PrC | Page 27 of 32
Because the AD5933 returns a complex output code composed
of real and imaginary components, the user can calculate the
phase of the response signal through the AD5933 signal path.
The phase is given by the following formula.
)
/
(
tan
)
rads
(
1
R
I
Phase
−
=
This equation accounts for the phase shift introduced in the
DDS output signal as it passes through the internal amplifiers
on the transmit and receive sides of the AD5933, the low-pass
filter, and the impedance connected between the VOUT and
VIN pins of the AD5933.
The parameters of interest for many users of the AD5933 are the
magnitude of the impedance (|ZUNKNOWN|) and the impedance
phase (ZØ). The measurement of the impedance phase (ZØ) is
a two-step process.
The first step involves calculating the AD5933 system phase.
The AD5933 system phase can be calculated by placing a
resistor across the VOUT and VIN pins of the AD5933, and
then calculating the phase (using the formula above) after each
measurement point in the sweep. By placing a resistor across
the VOUT and VIN pins, there is no additional phase lead or
lag introduced in the AD5933 signal path. Therefore, the
resulting phase, that is, the system phase, is due entirely to the
internal poles of the AD5933.
After the system phase is calibrated using a resistor, the phase of
any unknown impedance can be calculated by inserting it
between the VIN and VOUT terminals of the AD5933, and
then recalculating the new phase (including the phase due to
the impedance) by using the same formula. The phase of the
unknown impedance (ZØ) is given by the following formula.
)
(
Ø
System
Unknown
Z
∇
−
Φ
=
where:
System is the phase of the system with a calibration resistor
connected between VIN and VOUT.
Φ
Unknown is the phase of the system with the unknown
impedance connected between VIN and VOUT.
ZØ is the phase due to the impedance (impedance phase).
∇
Note that it is possible to both calculate the gain factor and
calibrate the system phase using the same real and imaginary
component values when a resistor is connected between the
VOUT and VIN pins of the AD5933.
Example of Measuring the Impedance Phase (ZØ) of a
Capacitor
The excitation signal current leads the excitation signal voltage
across a capacitor by −90°. Therefore, before any measurement
is performed, one would intuitively expect to see approximately
a −90° phase difference between the system phase response
measured with a resistor and the system phase response
measured with a capacitive impedance.
As outlined in the Measuring the Phase Across an Impedance
section, if the user would like to determine the phase angle of a
capacitive impedance (ZØ), the user must first determine the
system phase response ( ∇ System), and then subtract this from
the phase calculated with the capacitor connected between
VOUT and VIN (ΦUnknown).
A plot showing the AD5933 system phase response calculated
using a 220 kΩ calibration resistor (Rfb = 220 kΩ, PGA = ×1)
and the repeated phase measurement with a 10 pF capacitive
impedance is shown in Figure 34.
The phase difference (that is, ZØ) between the phase response
of a capacitor and the system phase response using a resistor is
the impedance phase (ZØ) of the capacitor and is shown in
Figure 35.
200
180
160
140
120
100
0
80
60
40
20
0
15k
30k
45k
60k
75k
90k
105k
120k
FREQUENCY (Hz)
220kΩ RESISTOR
10pF CAPACITOR
Figure 34. System Phase Response vs. Capacitive Phase
–100
–90
–80
–70
–60
–50
0
–40
–30
–20
–10
0
15k
30k
45k
60k
75k
90k
105k
120k
FREQUENCY (Hz)
Figure 35. Phase Response of a Capacitor
It is important to note that the formula used to calculate the phase
and to plot Figure 34 is based on the arctangent function, which
returns a phase angle in radians. Therefore, it is necessary to
convert the calculated phase angle from radians to degrees.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32