| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DMVA3 bảng dữ liệu(PDF) 39 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DMVA3 bảng dữ liệu(HTML) 39 Page - Texas Instruments |
|
39 / 287 page ![]() DMVA3, DMVA4 www.ti.com SPRS872B – MAY 2013 – REVISED DECEMBER 2013 Table 3-11. Ball Characteristics (AAR Package) (continued) BALL PINCNTL PINCNTL BALL MODE RESET BUFFER BALL NUMBER [1] BALL NAME [2] SIGNAL NAME [3] REGISTER NAME DEFAULT TYPE [7] DSIS [8] RESET POWER [11] HYS [12] [6] REL. TYPE [13] AND ADDRESS[4] VALUE[5] STATE [9] STATE [10] AL6 EMAC[0]_GMTCLK/ EMAC[0]_GMTCLK/ PINCNTL249 / 0x0004 0000 0x01 I/O PIN L L DVDD_RGMII EMAC[1]_RGRXC EMAC[1]_RGRXC 0x4814 0BE0 GPMC_A[6] 0x10 O PIN SPI[2]_D[1] 0x20 I/O PIN AH1 EMAC[0]_MCOL/ EMAC[0]_MCOL/ PINCNTL236 / 0x000C 0000 0x01 I 0 L L DVDD_RGMII EMAC[0]_RGRXCTL EMAC[0]_RGRXCTL 0x4814 0BAC VIN[1]B_D[1] 0x02 I PIN EMAC[0]_RMRXD[0] 0x04 I PIN GP3[24] 0x80 I/O PIN AH2 EMAC[0]_MCRS/ EMAC[0]_MCRS/ PINCNTL237 / 0x000C 0000 0x01 I 0 L L DVDD_RGMII EMAC[0]_RGRXD[2] EMAC[0]_RGRXD[2] 0x4814 0BB0 VIN[1]B_D[2] 0x02 I PIN EMAC[0]_RMRXD[1] 0x04 I PIN GP3[25] 0x80 I/O PIN AK1 EMAC[0]_MRCLK/ EMAC[0]_MRCLK/ PINCNTL239 / 0x000C 0000 0x01 I/O 0 L L DVDD_RGMII EMAC[0]_RGTXC EMAC[0]_RGTXC 0x4814 0BB8 VIN[1]B_D[4] 0x02 I PIN EMAC[0]_RMCRSDV 0x04 I 0 SPI[3]_SCS[2] 0x20 I/O 1 GP3[27] 0x80 I/O PIN AJ6 EMAC[0]_MRXDV/ EMAC[0]_MRXDV/ PINCNTL248 / 0x0004 0000 0x01 I/O 0 L L DVDD_RGMII EMAC[1]_RGRXD[1] EMAC[1]_RGRXD[1] 0x4814 0BDC GPMC_A[5] 0x10 O PIN SPI[2]_SCLK 0x20 I/O 1 AK2 EMAC[0]_MRXD[0]/ EMAC[0]_MRXD[0]/ PINCNTL240 / 0x0004 0000 0x01 I/O PIN L L DVDD_RGMII EMAC[0]_RGTXD[0] EMAC[0]_RGTXD[0] 0x4814 0BBC VIN[1]B_D[5] 0x02 I PIN EMAC[0]_RMTXD[0] 0x04 O PIN GP3[28] 0x80 I/O PIN AL2 EMAC[0]_MRXD[1]/ EMAC[0]_MRXD[1]/ PINCNTL241 / 0x0004 0000 0x01 I/O PIN L L DVDD_RGMII EMAC[0]_RGRXD[0] EMAC[0]_RGRXD[0] 0x4814 0BC0 VIN[1]B_D[6] 0x02 I PIN EMAC[0]_RMTXD[1] 0x04 O PIN GP3[29] 0x80 I/O PIN AL3 EMAC[0]_MRXD[2]/ EMAC[0]_MRXD[2]/ PINCNTL242 / 0x0004 0000 0x01 I/O PIN L L DVDD_RGMII EMAC[0]_RGRXD[1] EMAC[0]_RGRXD[1] 0x4814 0BC4 VIN[1]B_D[7] 0x02 I PIN EMAC[0]_RMTXEN 0x04 O PIN GP3[30] 0x80 I/O PIN Copyright © 2013, Texas Instruments Incorporated Device Pins 39 Submit Documentation Feedback Product Folder Links: DMVA3 |