| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DSPIC33FJ64GP710A bảng dữ liệu(PDF) 2 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ64GP710A bảng dữ liệu(HTML) 2 Page - Microchip Technology |
|
2 / 362 page ![]() dsPIC33FJXXXGPX06A/X08A/X10A DS70593D-page 2 2009-2012 Microchip Technology Inc. dsPIC33F PRODUCT FAMILIES The dsPIC33F General Purpose Family of devices are ideal for a wide variety of 16-bit MCU embedded applications. The controllers with codec interfaces are well-suited for speech and audio processing applications. The device names, pin counts, memory sizes and peripheral availability of each family are listed below, followed by their pinout diagrams. dsPIC33F General Purpose Family Controllers Device Pins Program Flash Memory (Kbyte) RAM (Kbyte)(1) dsPIC33FJ64GP206A 64 64 8 9 8 8 1 1 ADC, 18 ch 221 0 53 PT, MR dsPIC33FJ64GP306A 64 64 16 9 8 8 1 1 ADC, 18 ch 222 0 53 PT, MR dsPIC33FJ64GP310A 100 64 16 9 8 8 1 1 ADC, 32 ch 222 0 85 PF, PT dsPIC33FJ64GP706A 64 64 16 9 8 8 1 2 ADC, 18 ch 222 2 53 PT, MR dsPIC33FJ64GP708A 80 64 16 9 8 8 1 2 ADC, 24 ch 222 2 69 PT dsPIC33FJ64GP710A 100 64 16 9 8 8 1 2 ADC, 32 ch 222 2 85 PF, PT dsPIC33FJ128GP206A 64 128 8 9 8 8 1 1 ADC, 18 ch 221 0 53 PT, MR dsPIC33FJ128GP306A 64 128 16 9 8 8 1 1 ADC, 18 ch 222 0 53 PT, MR dsPIC33FJ128GP310A 100 128 16 9 8 8 1 1 ADC, 32 ch 222 0 85 PF, PT dsPIC33FJ128GP706A 64 128 16 9 8 8 1 2 ADC, 18 ch 222 2 53 PT, MR dsPIC33FJ128GP708A 80 128 16 9 8 8 1 2 ADC, 24 ch 222 2 69 PT dsPIC33FJ128GP710A 100 128 16 9 8 8 1 2 ADC, 32 ch 222 2 85 PF, PT dsPIC33FJ256GP506A 64 256 16 9 8 8 1 1 ADC, 18 ch 222 1 53 PT, MR dsPIC33FJ256GP510A 100 256 16 9 8 8 1 1 ADC, 32 ch 222 1 85 PF, PT dsPIC33FJ256GP710A 100 256 30 9 8 8 1 2 ADC, 32 ch 222 2 85 PF, PT Note 1: RAM size is inclusive of 2 Kbytes DMA RAM. 2: Maximum I/O pin count includes pins shared by the peripheral functions. |