| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD9430-CMOSPCB bảng dữ liệu(PDF) 25 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9430-CMOSPCB bảng dữ liệu(HTML) 25 Page - Analog Devices |
|
25 / 28 page ![]() HSC-ADC-EVALB-SC/HSC-ADC-EVALB-DC Rev. 0 | Page 25 of 28 ORDERING INFORMATION ORDERING GUIDE Model Description HSC-ADC-EVALB-SC Single FIFO Version of USB Evaluation Kit HSC-ADC-EVALB-DC Dual FIFO Version of USB Evaluation Kit HSC-ADC-FPGA-4/-8 Quad/Octal Serial LVDS to Dual Parallel CMOS Interface; supports all Quad/Octal ADCs in this family except the AD9289 (not Included in Evaluation Kit) HSC-ADC-FPGA-9289 Quad Serial LVDS to Dual Parallel CMOS Interface for the AD9289 Only (Not Included in Evaluation Kit) AD922XFFA1 Adapter for AD922x Family (Not Included in Evaluation Kit) AD9283FFA1 Adapter for the AD9283 and AD9057 (Not Included in Evaluation Kit) AD9059FFA1 Adapter for the AD9059 (Not Included in Evaluation Kit) AD9051FFA1 Adapter for the AD9051 (Not Included in Evaluation Kit) LG-0204A1 Adapter for the AD10xxx and AD13xxx Families (Not Included in Evaluation Kit) 1 If an adapter is needed, send an email to highspeed.converters@analog.com. ESD CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although this product features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. |