| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD9430-CMOSPCB bảng dữ liệu(PDF) 8 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9430-CMOSPCB bảng dữ liệu(HTML) 8 Page - Analog Devices |
|
8 / 28 page ![]() HSC-ADC-EVALB-SC/HSC-ADC-EVALB-DC Rev. 0 | Page 8 of 28 Evaluation Board Model Description of ADC FIFO Board Version Comments AD9430-CMOS/PCB 12-bit, 210 MSPS ADC DC AD9430-LVDS/PCB2 12-bit, 210 MSPS ADC DC Requires DEMUX BRD AD9432/PCB 12-bit, 105 MSPS ADC SC AD9433/PCB 12-bit, 125 MSPS ADC SC AD9444-CMOS/PCB 14 bit, 80 MSPS ADC SC AD9444-LVDS/PCB 14 bit, 80 MSPS ADC SC AD9445-IF-LVDS/PCB 14-bit, 125 MSPS ADC SC AD9445-BB-LVDS/PCB 14-bit, 125 MSPS ADC SC AD9446-80LVDS/PCB 16-bit, 80 MSPS ADC SC AD9446-100LVDS/PCB 16-bit, 100 MSPS ADC SC AD9460-80EB-IF 16-bit, 80 MSPS ADC SC AD9460-80EB-BB 16-bit, 80 MSPS ADC SC AD9460-105EB-IF 16-bit, 105 MSPS ADC SC AD9460-105EB-BB 16-bit, 105 MSPS ADC SC AD9461-130EB-IF 16-bit, 130 MSPS ADC SC AD9461-130EB-BB 16-bit, 130 MSPS ADC SC AD9480-LVDS/PCB2 8-bit, 250 MSPS ADC DC Requires DEMUX BRD AD9481-PCB 8-bit, 250 MSPS ADC DC AD10200/PCB Dual 12-bit, 105 MSPS ADC DC Requires GS09066 AD10201/PCB Dual 12-bit, 105 MSPS ADC DC Requires GS09066 AD10226/PCB Dual 12-bit, 125 MSPS ADC DC Requires GS09066 AD10265/PCB Dual 12-bit, 65 MSPS ADC DC Requires GS09066 AD10465/PCB Dual 14-bit, 65 MSPS ADC DC Requires GS09066 AD10677/PCB 16-bit, 65 MSPS ADC SC Requires GS09066 AD10678/PCB 16-bit, 80 MSPS ADC SC Requires GS09066 AD15252/PCB 12-bit, Dual 65 MSPS ADC DC AD15452/PCB 12-bit, Quad 65 MSPS ADC DC Requires HSC-ADC-FPGA-4/-8 1 The high speed ADC FIFO evaluation kit can be used to evaluate two channels at a time. 2 If a DEMUX BRD is needed, send an email to highspeed.converters@analog.com. |