công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATmega325PA-MN bảng dữ liệu(PDF) 5 Page - ATMEL Corporation

tên linh kiện ATmega325PA-MN
Giải thích chi tiết về linh kiện  8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega325PA-MN bảng dữ liệu(HTML) 5 Page - ATMEL Corporation

  ATmega325PA-MN Datasheet HTML 1Page - ATMEL Corporation ATmega325PA-MN Datasheet HTML 2Page - ATMEL Corporation ATmega325PA-MN Datasheet HTML 3Page - ATMEL Corporation ATmega325PA-MN Datasheet HTML 4Page - ATMEL Corporation ATmega325PA-MN Datasheet HTML 5Page - ATMEL Corporation ATmega325PA-MN Datasheet HTML 6Page - ATMEL Corporation ATmega325PA-MN Datasheet HTML 7Page - ATMEL Corporation ATmega325PA-MN Datasheet HTML 8Page - ATMEL Corporation ATmega325PA-MN Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
ATmega165A/PA/325A/PA/3250A/PA/645A/P/6450A/P [SUMMARY]
8285ES–AVR–02/2013
The Atmel ATmega165A/165PA/325A/325PA/3250A/3250PA/645A/645P/6450A/6450P provides the following fea-
tures: 16K/32K/64K bytes of In-System Programmable Flash with Read-While-Write capabilities, 512/1K/2K bytes
EEPROM, 1K/2K/4K byte SRAM, 54/69 general purpose I/O lines, 32 general purpose working registers, a JTAG
interface for Boundary-scan, On-chip Debugging support and programming, three flexible Timer/Counters with
compare modes, internal and external interrupts, a serial programmable USART, Universal Serial Interface with
Start Condition Detector, an 8-channel, 10-bit ADC, a programmable Watchdog Timer with internal Oscillator, an
SPI serial port, and five software selectable power saving modes. The Idle mode stops the CPU while allowing the
SRAM, Timer/Counters, SPI port, and interrupt system to continue functioning. The Power-down mode saves the
register contents but freezes the Oscillator, disabling all other chip functions until the next interrupt or hardware
reset. In Power-save mode, the asynchronous timer continues to run, allowing the user to maintain a timer base
while the rest of the device is sleeping. The ADC Noise Reduction mode stops the CPU and all I/O modules except
asynchronous timer and ADC, to minimize switching noise during ADC conversions. In Standby mode, the
XTAL/resonator Oscillator is running while the rest of the device is sleeping. This allows very fast start-up com-
bined with low-power consumption.
Atmel offers the QTouch® library for embedding capacitive touch buttons, sliders and wheels functionality into AVR
microcontrollers. The patented charge-transfer signal acquisition offers robust sensing and includes fully
debounced reporting of touch keys and includes Adjacent Key Suppression® (AKS®) technology for unambiguous
detection of key events. The easy-to-use QTouch Suite toolchain allows you to explore, develop and debug your
own touch applications.
The device is manufactured using Atmel’s high density non-volatile memory technology. The On-chip ISP Flash
allows the program memory to be reprogrammed In-System through an SPI serial interface, by a conventional non-
volatile memory programmer, or by an On-chip Boot program running on the AVR core. The Boot program can use
any interface to download the application program in the Application Flash memory. Software in the Boot Flash
section will continue to run while the Application Flash section is updated, providing true Read-While-Write opera-
tion. By combining an 8-bit RISC CPU with In-System Self-Programmable Flash on a monolithic chip, the Atmel
devise is a powerful microcontroller that provides a highly flexible and cost effective solution to many embedded
control applications.
The ATmega165A/165PA/325A/325PA/3250A/3250PA/645A/645P/6450A/6450P AVR is supported with a full
suite of program and system development tools including: C Compilers, Macro Assemblers, Program Debug-
ger/Simulators, In-Circuit Emulators, and Evaluation kits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com