| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8360ECVVALDHA bảng dữ liệu(PDF) 51 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8360ECVVALDHA bảng dữ liệu(HTML) 51 Page - Freescale Semiconductor, Inc |
|
51 / 102 page ![]() MPC8360E/MPC8358E PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 5 Freescale Semiconductor 51 Timers DC Electrical Characteristics This figure shows the PCI input AC timing conditions. Figure 37. PCI Input AC Timing Measurement Conditions This figure shows the PCI output AC timing conditions. Figure 38. PCI Output AC Timing Measurement Condition 13 Timers This section describes the DC and AC electrical specifications for the timers of the MPC8360E/58E. 13.1 Timers DC Electrical Characteristics This table provides the DC electrical characteristics for the device timer pins, including TIN, TOUT, TGATE, and RTC_CLK. Table 49. Timers DC Electrical Characteristics Characteristic Symbol Condition Min Max Unit Output high voltage VOH IOH = –6.0 mA 2.4 — V Output low voltage VOL IOL = 6.0 mA — 0.5 V Output low voltage VOL IOL = 3.2 mA — 0.4 V Input high voltage VIH —2.0 OVDD + 0.3 V Input low voltage VIL —–0.3 0.8 V Input current IIN 0 V ≤VIN ≤OVDD —±10 μA tPCIVKH CLK Input tPCIXKH CLK Output Delay tPCKHOV High-Impedance tPCKHOZ Output tPCKHOX |