| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8360ECVVALDHA bảng dữ liệu(PDF) 25 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8360ECVVALDHA bảng dữ liệu(HTML) 25 Page - Freescale Semiconductor, Inc |
|
25 / 102 page ![]() MPC8360E/MPC8358E PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 5 Freescale Semiconductor 25 DUART DC Electrical Characteristics 7DUART This section describes the DC and AC electrical specifications for the DUART interface of the MPC8360E/58E. 7.1 DUART DC Electrical Characteristics This table provides the DC electrical characteristics for the DUART interface of the device. 7.2 DUART AC Electrical Specifications This table provides the AC timing parameters for the DUART interface of the device. 8 UCC Ethernet Controller: Three-Speed Ethernet, MII Management This section provides the AC and DC electrical characteristics for three-speed, 10/100/1000, and MII management. 8.1 Three-Speed Ethernet Controller (10/100/1000 Mbps)— GMII/MII/RMII/TBI/RGMII/RTBI Electrical Characteristics The electrical characteristics specified here apply to all GMII (gigabit media independent interface), MII (media independent interface), RMII (reduced media independent interface), TBI (ten-bit interface), RGMII (reduced gigabit media independent interface), and RTBI (reduced ten-bit interface) signals except MDIO (management data input/output) and MDC (management data clock). The MII, RMII, GMII, and TBI interfaces are only defined for 3.3 V, while the RGMII and RTBI interfaces are only defined for 2.5 V. The RGMII and RTBI interfaces follow the Hewlett-Packard reduced pin-count interface for Gigabit Ethernet Table 23. DUART DC Electrical Characteristics Parameter Symbol Min Max Unit Notes High-level input voltage VIH 2OVDD + 0.3 V — Low-level input voltage OVDD VIL –0.3 0.8 V — High-level output voltage, IOH = –100 μAVOH OVDD – 0.4 — V — Low-level output voltage, IOL = 100 μAVOL —0.2 V — Input current (0 V ≤VIN ≤OVDD)IIN —±10 μA 1 Note: 1. Note that the symbol VIN, in this case, represents the OVIN symbol referenced in Table 1 and Table 2. Table 24. DUART AC Timing Specifications Parameter Value Unit Notes Minimum baud rate 256 baud — Maximum baud rate >1,000,000 baud 1 Oversample rate 16 — 2 Notes: 1. Actual attainable baud rate is limited by the latency of interrupt processing. 2. The middle of a start bit is detected as the eighth sampled 0 after the 1-to-0 transition of the start bit. Subsequent bit values are sampled each sixteenth sample. |