công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCZ33903CD3EK/R2 bảng dữ liệu(PDF) 89 Page - Freescale Semiconductor, Inc

tên linh kiện MCZ33903CD3EK/R2
Giải thích chi tiết về linh kiện  SBC Gen2 with CAN High Speed and LIN Interface
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33903CD3EK/R2 bảng dữ liệu(HTML) 89 Page - Freescale Semiconductor, Inc

Back Button MCZ33903CD3EK/R2 Datasheet HTML 85Page - Freescale Semiconductor, Inc MCZ33903CD3EK/R2 Datasheet HTML 86Page - Freescale Semiconductor, Inc MCZ33903CD3EK/R2 Datasheet HTML 87Page - Freescale Semiconductor, Inc MCZ33903CD3EK/R2 Datasheet HTML 88Page - Freescale Semiconductor, Inc MCZ33903CD3EK/R2 Datasheet HTML 89Page - Freescale Semiconductor, Inc MCZ33903CD3EK/R2 Datasheet HTML 90Page - Freescale Semiconductor, Inc MCZ33903CD3EK/R2 Datasheet HTML 91Page - Freescale Semiconductor, Inc MCZ33903CD3EK/R2 Datasheet HTML 92Page - Freescale Semiconductor, Inc MCZ33903CD3EK/R2 Datasheet HTML 93Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 106 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
89
33903/4/5
SERIAL PERIPHERAL INTERFACE
FLAGS AND DEVICE STATUS
LIN/1/2
LIN/1/2 bus
dom clamp
Description
Report that the LIN/1/2 bus is dominant for a time longer than tDOM
Set / Reset condition
Set: Bus dominant clamp failure detected. Reset: failure recovered and flag read (SPI)
LIN/1/2 State
Description
Report real time LIN interface TXD/RXD mode. 1 if LIN is in TXD/RXD mode. 0 is LIN is not in TXD/
RXD mode.
Set / Reset condition
Set: LIN in TXD RXD mode. Reset: LIN not in TXD/RXD mode. LIN not in TXD/RXD mode by SPI
command (ex LIN set in Sleep mode) or following a failure event (ex: TxL Dominant). Flag read SPI
command (0x2780 or 0x2980) do not clear it, as it is “real time” flag.
LIN/1/2 WU
Description
Report real time LIN Wake-up receiver state. 1 if LIN Wake-up is enable, 0 if LIN Wake-up is disable
(means LIN signal will not be detected and will not Wake-up the device).
Set / Reset condition
Set: LIN WU enable (LIN interface set in Sleep mode Wake-up enable). Reset: LIN Wake-up disable
(LIN interface set in Sleep mode Wake-up disable). Flag read SPI command (0x2780 or 0x2980) do
not clear the flag, as it is “real time” information.
LIN/1/2
Wake-up
Description
Report that Wake-up source is LIN/1/2
Set / Reset condition
Set: after LIN/1/2 wake detected. Reset: Flag read (SPI)
LIN/1/2 Term
short to GND
Description
Report LIN/1/2 short to GND failure
Set / Reset condition
Set: failure detected. Reset failure recovered and flag read (SPI)
LIN/1/2
Over-temp
Description
Report that the LIN/1/2 interface has reach over-temperature threshold.
Set / Reset condition
Set: LIN/1/2 thermal sensor above threshold. Reset: sensor below threshold and flag read (SPI)
RXD-L/1/2
low
Description
Report that RXD/1/2 pin is shorted to GND.
Set / Reset condition
Set: RXD low failure detected. Reset: failure recovered and flag read (SPI)
RXD-L/1/2
high
Description
Report that RXD/1/2pin is shorted to recessive voltage.
Set / Reset condition
Set: RXD high failure detected. Reset: failure recovered and flag read (SPI)
TXD-L/1/2
dom
Description
Report that TXD/1/2 pin is shorted to GND.
Set / Reset condition
Set: TXD low failure detected. Reset: failure recovered and flag read (SPI)
Table 40. Flag Descriptions
Flag
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com