| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M68000PM/AD bảng dữ liệu(PDF) 11 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
M68000PM/AD bảng dữ liệu(HTML) 11 Page - Freescale Semiconductor, Inc |
|
11 / 14 page ![]() QUICC TIME SLOT ASSIGNER SCC SCC SCC SCC SMC SMC ANY COMBINATION OF SCCs AND SMCs MAY BE CONNECTED TO ANY TDM. TDM BUS 1 TDM BUS 2 NOTE: Two TDM buses may be simultaneously supported with the time slot assigner. Figure 6. Dual TDM Bus Implementation QUICC Serial Configuration Examples Figure 7 shows a general-purpose application that includes Ethernet, AppleTalk, an HDLC connection to a T1 line, an HDLC connection to frame relay, a UART debug monitor port, a totally transparent data stream port, and an SPI connection to a serial EEPROM. QUICC SCC1 SCC2 SCC3 SCC4 SMC2 SPI ETHERNET RS-422 APPLE TALK T1 LINE TRANSCEIVER X.25 (HDLC) RS-232 FRAME RELAY (HDLC) RS-232 UART SERIAL EEPROM SYSTEM BUS TIME SLOT ASSIGNER FREESCALE SIA TRANSCEIVER Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |