| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M68000PM/AD bảng dữ liệu(PDF) 8 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
M68000PM/AD bảng dữ liệu(HTML) 8 Page - Freescale Semiconductor, Inc |
|
8 / 14 page ![]() QUICC MC68360 CE (ENABLE) OE (OUTPUT ENABLE) WE (WRITE) DATA ADDRESS 8-BIT BOOT EPROM (FLASH OR REGULAR) CS0 OE WE0 DATA ADDRESS RAS CAS3–CAS0 W (WRITE) DATA ADDRESS PARITY 16- OR 32-BIT DRAM SIMM (OPTIONAL PARITY) RAS1 CAS3–CAS0 R/W PRTY3–PRTY0 Figure 2. Minimum QUICC System Configuration Figure 3 shows a larger system configuration. This system offers one EPROM, one flash EPROM, and supports two DRAM SIMMs. Depending on the capacitance on the system bus, external buffers may be required. From a logic standpoint, however, a glueless system is maintained. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |