công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLV431BQLPR bảng dữ liệu(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TLV431BQLPR
Giải thích chi tiết về linh kiện  LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TLV431BQLPR bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button TLV431BQLPR Datasheet HTML 2Page - Texas Instruments TLV431BQLPR Datasheet HTML 3Page - Texas Instruments TLV431BQLPR Datasheet HTML 4Page - Texas Instruments TLV431BQLPR Datasheet HTML 5Page - Texas Instruments TLV431BQLPR Datasheet HTML 6Page - Texas Instruments TLV431BQLPR Datasheet HTML 7Page - Texas Instruments TLV431BQLPR Datasheet HTML 8Page - Texas Instruments TLV431BQLPR Datasheet HTML 9Page - Texas Instruments TLV431BQLPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
TLV431, TLV431A, TLV431B
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
SLVS139T − JULY 1996 − REVISED JUNE 2007
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TLV431 electrical characteristics at 25
°C free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TLV431
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TA = 25°C
1.222
1.24
1.258
V
Reference voltage
VKA = VREF,
TA = full range
TLV431C
1.21
1.27
V
VREF
Reference voltage
VKA = VREF,
IK = 10 mA
TA = full range
(see Note 4 and
TLV431I
1.202
1.278
V
(see Note 4 and
Figure 1)
TLV431Q
1.194
1.286
V
d
i ti
f ll
V
V
I
10
A
TLV431C
4
12
VREF(dev)
VREF deviation over full
temperature range (see Note 4)
VKA = VREF, IK = 10 mA
(see Note 4 and Figure 1)
TLV431I
6
20
mV
VREF(dev)
temperature range (see Note 4)
(see Note 4 and Figure 1)
TLV431Q
11
31
mV
∆VREF
∆VKA
Ratio of VREF change in cathode
voltage change
VKA = VREF to 6 V, IK = 10 mA (see Figure 2)
− 1.5
− 2.7
mV/V
Iref
Reference terminal current
IK = 10 mA, R1 = 10 kΩ, R2 = open (see Figure 2)
0.15
0.5
µA
TLV431C
005
03
I
d
i ti
f ll
I
10
A R1
10 k
Ω R2
TLV431C
0.05
0.3
Iref(dev)
Iref deviation over full
temperature range (see Note 4)
IK = 10 mA, R1 = 10 kΩ, R2 = open
(see Note 4 and Figure 2)
TLV431I
0.1
0.4
µA
Iref(dev)
temperature range (see Note 4)
(see Note 4 and Figure 2)
TLV431Q
0.15
0.5
µA
I
Minimum cathode current for
V
V
(see Figure 1)
TLV431C/I
55
80
A
IK(min)
Minimum cathode current for
regulation
VKA = VREF (see Figure 1)
TLV431Q
55
100
µA
IK(off)
Off-state cathode current
VREF = 0, VKA = 6 V (see Figure 3)
0.001
0.1
µA
|zKA|
Dynamic impedance
(see Note 5)
VKA = VREF, f ≤ 1 kHz,
IK = 0.1 mA to 15 mA (see Figure 1)
0.25
0.4
Ω
NOTES:
4. Full temperature ranges are − 40
°C to 125°C for TLV431Q, −40°C to 85°C for TLV431I, and 0°C to 70°C for TLV431C.
5. The deviation parameters VREF(dev) and Iref(dev) are defined as the differences between the maximum and minimum values
obtained over the rated temperature range. The average full-range temperature coefficient of the reference input voltage,
αVREF,
is defined as:
αV
REF
ppm
°C +
V
REF(dev)
V
REF (TA+25°C)
106
∆T
A
where
∆TA is the rated operating free-air temperature range of the device.
αVREF can be positive or negative, depending on whether minimum VREF or maximum VREF, respectively, occurs at the
lower temperature.
6. The dynamic impedance is defined as z
ka +
∆V
KA
∆I
K
When the device is operating with two external resistors (see Figure 2), the total dynamic impedance of the circuit is defined
as:
z
ka +
∆V
∆I [
z
ka
1
) R1
R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com