công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLV431BQLPR bảng dữ liệu(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TLV431BQLPR
Giải thích chi tiết về linh kiện  LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TLV431BQLPR bảng dữ liệu(HTML) 17 Page - Texas Instruments

Back Button TLV431BQLPR Datasheet HTML 13Page - Texas Instruments TLV431BQLPR Datasheet HTML 14Page - Texas Instruments TLV431BQLPR Datasheet HTML 15Page - Texas Instruments TLV431BQLPR Datasheet HTML 16Page - Texas Instruments TLV431BQLPR Datasheet HTML 17Page - Texas Instruments TLV431BQLPR Datasheet HTML 18Page - Texas Instruments TLV431BQLPR Datasheet HTML 19Page - Texas Instruments TLV431BQLPR Datasheet HTML 20Page - Texas Instruments TLV431BQLPR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
TLV431, TLV431A, TLV431B
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
SLVS139T − JULY 1996 − REVISED JUNE 2007
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION†
9
6
0
15
0.001
0.01
0.1
1
10
12
STABILITY BOUNDARY CONDITION‡
(for TLV431 and TLV431A)
3
CL − Load Capacitance − µF
Stable
VKA = VREF
VKA = 2 V
Stable
VKA = 3 V
TA = 25°C
150
Ω
CL
Vbat
IK
TEST CIRCUIT FOR VKA = VREF
150
Ω
CL
Vbat
IK
R1 = 10 k
Ω
R2
TEST CIRCUIT FOR VKA = 2 V, 3 V
−
+
−
+
IK = 15 mA Max
STABILITY BOUNDARY CONDITION‡
(for TLV431B)
CL − Load Capacitance − µF
9
6
0
15
0.001
0.01
0.1
1
10
12
3
Stable
VKA = 3 V
Stable
Unstable
VKA = 2 V
TA = 25°C
IK = 15 mA MAX
For VKA = VREF ,
Stable for CL = 1 pF to 10k nF
‡ The areas under the curves represent conditions that may cause the device to oscillate. For VKA = 2-V and 3-V curves, R2 and Vbat were adjusted
to establish the initial VKA and IK conditions with CL = 0. Vbat and CL then were adjusted to determine the ranges of stability.
Figure 17
† Operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com