công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT90USB647 bảng dữ liệu(PDF) 43 Page - ATMEL Corporation

tên linh kiện AT90USB647
Giải thích chi tiết về linh kiện  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB647 bảng dữ liệu(HTML) 43 Page - ATMEL Corporation

Back Button AT90USB647 Datasheet HTML 39Page - ATMEL Corporation AT90USB647 Datasheet HTML 40Page - ATMEL Corporation AT90USB647 Datasheet HTML 41Page - ATMEL Corporation AT90USB647 Datasheet HTML 42Page - ATMEL Corporation AT90USB647 Datasheet HTML 43Page - ATMEL Corporation AT90USB647 Datasheet HTML 44Page - ATMEL Corporation AT90USB647 Datasheet HTML 45Page - ATMEL Corporation AT90USB647 Datasheet HTML 46Page - ATMEL Corporation AT90USB647 Datasheet HTML 47Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 456 page
background image
43
7593L–AVR–09/12
AT90USB64/128
Figure 7-2.
Crystal oscillator connections.
The low power oscillator can operate in three different modes, each optimized for a specific fre-
quency range. The operating mode is selected by the fuses CKSEL3..1 as shown in Table 7-3.
Notes:
1. The frequency ranges are preliminary values. Actual values are TBD.
2. This option should not be used with crystals, only with ceramic resonators.
3. If 8MHz frequency exceeds the specification of the device (depends on V
CC), the CKDIV8
Fuse can be programmed in order to divide the internal frequency by 8. It must be ensured
that the resulting divided clock meets the frequency specification of the device.
The CKSEL0 Fuse together with the SUT1..0 fuses select the start-up times as shown in Table
7-4.
Table 7-3.
Low power crystal oscillator operating modes (3).
Frequency range (1) [MHz]
CKSEL3..1
Recommended range for capacitors C1
and C2 [pF]
0.4 - 0.9
100 (2)
–
0.9 - 3.0
101
12 - 22
3.0 - 8.0
110
12 - 22
8.0 - 16.0
111
12 - 22
Table 7-4.
Start-up times for the low power crystal oscillator clock selection.
Oscillator source /
power conditions
Start-up time from
power-down and
power-save
Additional delay
from reset
(V
CC = 5.0V)
CKSEL0
SUT1..0
Ceramic resonator, fast
rising power
258CK
14CK + 4.1ms (1)
000
Ceramic resonator, slowly
rising power
258CK
14CK + 65ms (1)
001
Ceramic resonator, BOD
enabled
1KCK
14CK (2)
010
Ceramic resonator, fast
rising power
1KCK
14CK + 4.1ms (2)
011
Ceramic resonator, slowly
rising power
1KCK
14CK + 65ms (2)
100
XTAL2
XTAL1
GND
C2
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com