công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT90USB647 bảng dữ liệu(PDF) 38 Page - ATMEL Corporation

tên linh kiện AT90USB647
Giải thích chi tiết về linh kiện  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB647 bảng dữ liệu(HTML) 38 Page - ATMEL Corporation

Back Button AT90USB647 Datasheet HTML 34Page - ATMEL Corporation AT90USB647 Datasheet HTML 35Page - ATMEL Corporation AT90USB647 Datasheet HTML 36Page - ATMEL Corporation AT90USB647 Datasheet HTML 37Page - ATMEL Corporation AT90USB647 Datasheet HTML 38Page - ATMEL Corporation AT90USB647 Datasheet HTML 39Page - ATMEL Corporation AT90USB647 Datasheet HTML 40Page - ATMEL Corporation AT90USB647 Datasheet HTML 41Page - ATMEL Corporation AT90USB647 Datasheet HTML 42Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 456 page
background image
38
7593L–AVR–09/12
AT90USB64/128
Figure 6-10. Address map with 32KB external memory.
6.5.9
Using all 64KB locations of external memory
Since the External Memory is mapped after the Internal Memory as shown in Figure 6-4, only
56KB of External Memory is available by default (address space 0x0000 to 0x20FF is reserved
for internal memory). However, it is possible to take advantage of the entire External Memory by
masking the higher address bits to zero. This can be done by using the XMMn bits and control
by software the most significant bits of the address. By setting Port C to output 0x00, and releas-
ing the most significant bits for normal Port Pin operation, the Memory Interface will address
0x0000 - 0x2FFF. See the following code examples.
Care must be exercised using this option as most of the memory is masked away.
0x0000
0x20FF
0xFFFF
0x2100
0x7FFF
0x8000
0x0000
0x7FFF
Memory configuration A
Internal memory
(Unused)
AVR memory map
External 32K SRAM
External
memory
XMem start + 0x8000
ISRAM end + 0x8000
XMem start
ISRAM end



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com