| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF8576DT/S400/2 bảng dữ liệu(PDF) 56 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8576DT/S400/2 bảng dữ liệu(HTML) 56 Page - NXP Semiconductors |
|
56 / 57 page ![]() PCF8576D All information provided in this document is subject to legal disclaimers. © NXP B.V. 2013. All rights reserved. Product data sheet Rev. 14 — 10 June 2013 56 of 57 NXP Semiconductors PCF8576D Universal LCD driver for low multiplex rates 26. Figures Fig 1. Block diagram of PCF8576D . . . . . . . . . . . . . . . . .3 Fig 2. Pinning diagram for PCF8576DT (TSSOP56) . . . .4 Fig 3. Pinning diagram for PCF8576DU (bare die) . . . . .5 Fig 4. Example of displays suitable for PCF8576D . . . . .7 Fig 5. Typical system configuration . . . . . . . . . . . . . . . . .8 Fig 6. Electro-optical characteristic: relative transmission curve of the liquid . . . . . . . . . . . . . . 11 Fig 7. Static drive mode waveforms . . . . . . . . . . . . . . . .12 Fig 8. Waveforms for the 1:2 multiplex drive mode with 1⁄2 bias . . . . . . . . . . . . . . . . . . . . . . . . . . . . .13 Fig 9. Waveforms for the 1:2 multiplex drive mode with 1⁄3 bias . . . . . . . . . . . . . . . . . . . . . . . . . . . . .14 Fig 10. Waveforms for the 1:3 multiplex drive mode with 1⁄3 bias . . . . . . . . . . . . . . . . . . . . . . . . . . . . .15 Fig 11. Waveforms for the 1:4 multiplex drive mode with 1⁄3 bias . . . . . . . . . . . . . . . . . . . . . . . . . . . . .16 Fig 12. Display RAM bit map . . . . . . . . . . . . . . . . . . . . . .18 Fig 13. Relationship between LCD layout, drive mode, display RAM filling order and display data transmitted over the I2C-bus . . . . . . . . . . . . . . . .20 Fig 14. Bit transfer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .27 Fig 15. Definition of START and STOP conditions. . . . . .27 Fig 16. System configuration . . . . . . . . . . . . . . . . . . . . . .28 Fig 17. Acknowledgement of the I2C-bus . . . . . . . . . . . .28 Fig 18. I2C-bus protocol . . . . . . . . . . . . . . . . . . . . . . . . . .30 Fig 19. Format of command byte . . . . . . . . . . . . . . . . . . .30 Fig 20. Device protection circuits . . . . . . . . . . . . . . . . . . .31 Fig 21. Driver timing waveforms . . . . . . . . . . . . . . . . . . .35 Fig 22. I2C-bus timing waveforms . . . . . . . . . . . . . . . . . .35 Fig 23. Cascaded PCF8576D configuration . . . . . . . . . .37 Fig 24. Synchronization of the cascade for the various PCF8576D drive modes . . . . . . . . . . . . . . . . . . .38 Fig 25. Package outline SOT364-1 (TSSOP56) . . . . . . .39 Fig 26. Bare die outline PCF8576DU/DA (for dimensions see Table 23) . . . . . . . . . . . . . . . . . . . . . . . . . . . .40 Fig 27. Bare die outline PCF8576DU/2DA (for dimensions see Table 24) . . . . . . . . . . . . . . . . . . . . . . . . . . . .41 Fig 28. Tray details . . . . . . . . . . . . . . . . . . . . . . . . . . . . .45 Fig 29. Tray alignment . . . . . . . . . . . . . . . . . . . . . . . . . . .46 Fig 30. Tape details . . . . . . . . . . . . . . . . . . . . . . . . . . . . .46 Fig 31. Temperature profiles for large and small components . . . . . . . . . . . . . . . . . . . . . . . . . . . . .50 |