| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF8576DT/S400/2 bảng dữ liệu(PDF) 50 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8576DT/S400/2 bảng dữ liệu(HTML) 50 Page - NXP Semiconductors |
|
50 / 57 page ![]() PCF8576D All information provided in this document is subject to legal disclaimers. © NXP B.V. 2013. All rights reserved. Product data sheet Rev. 14 — 10 June 2013 50 of 57 NXP Semiconductors PCF8576D Universal LCD driver for low multiplex rates For further information on temperature profiles, refer to Application Note AN10365 “Surface mount reflow soldering description”. 20. Abbreviations MSL: Moisture Sensitivity Level Fig 31. Temperature profiles for large and small components 001aac844 temperature time minimum peak temperature = minimum soldering temperature maximum peak temperature = MSL limit, damage level peak temperature Table 31. Abbreviations Acronym Description CDM Charged-Device Model CMOS Complementary Metal-Oxide Semiconductor HBM Human Body Model ITO Indium Tin Oxide LCD Liquid Crystal Display LSB Least Significant Bit MM Machine Model MSB Most Significant Bit MSL Moisture Sensitivity Level PCB Printed Circuit Board RAM Random Access Memory RMS Root Mean Square SCL Serial CLock line SDA Serial DAta line SMD Surface Mount Device |