công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TGP-751 bảng dữ liệu(PDF) 19 Page - List of Unclassifed Manufacturers

tên linh kiện TGP-751
Giải thích chi tiết về linh kiện  ThermoHarvesting Power Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

TGP-751 bảng dữ liệu(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button TGP-751 Datasheet HTML 11Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 12Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 13Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 14Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 15Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 16Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 17Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 18Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 19Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
Micropelt - preliminary - Datasheet TE-CORE v2.5 | Page 19
Thermoharvesting Module
Micropelt TE-CORE
9. Important Notices – Please read carefully prior to use
1. Micropelt Products are prototypes
Micropelt supplies thermoelectric coolers and generators, as well as energy harvesting modules (hereinafter referred to as “Prototype Products”). The
Prototype Products distributed by Micropelt to date are prototypes that have not yet been released to manufacturing and marketing for regular
use by end-users. The Prototype Products are still being optimized and continuously tested. As such, the Prototype Products may not fully comply
with design-, marketing-, and/or manufacturing-related protective considerations, including product safety and environmental measures typically
found in end products that incorporate such semiconductor components or circuit boards.
In addition, the Products have not yet been fully tested for compliance with the limits of computing devices, neither pursuant to part 15 of FCC
rules nor pursuant to any other national or international standards, which are designed to provide reasonable protection against radio frequency
interference.
2. Use of Products restricted to demonstration, testing and evaluation
Micropelt’s Prototype Products are intended exclusively for the use for demonstration, testing and evaluation purposes.
The Prototype Products must not be used productively. In particular, the Prototype Products must not be used in any safety-critical applications,
such as (but not limited to) life support systems, near explosion endangered sites, and/or any other performance critical systems.
The Prototype Products must only be handled by professionals in the field of electronics and engineering who are experienced in observing good
engineering standards and practices.
3. Warnings and use instructions
 Using Micropelt’s Prototype Products without care and in the wrong context is potentially dangerous and could result in injury or damage.
The Prototype Products are designed for use within closed rooms in conditions as apply for electronics such as computers; except when indicat-
ed expressively. Keep the Prototype Products away from open fire, water, chemicals, gases, explosives as well as from temperature conditions
above 100 degrees centigrade, or as indicated in the datasheet of the product. When testing temperature settings at the limits given in the
datasheet for longer term, do not leave the Prototype Products alone but monitor their performance. Take special care to monitor closely when-
ever the Prototype Products are connected to other electrical items and/or electronics.
 If Prototype Products use wireless data transmission technology, therefore they receive and radiate radio frequency energy. They have not yet
been fully tested for compliance with the limits of computing devices, neither pursuant to part 15 of FCC rules nor pursuant to any other nation-
al or international standards, which are designed to provide reasonable protection against radio frequency interference. Operation of the Proto-
type Products may cause interference with radio communications, in which case the user at his own expense will be required to take whatever
measures may be necessary to correct this interference and prevent potential damage. Do take special care not to operate the Prototype Prod-
ucts near safety-critical applications or any other applications known to be affected by radio frequencies.
 If any of the Prototype Products elements are separated from the complete module and used independently, it is important to control each
individual system’s power supply to be within their acceptable voltage and/or amperage range. Exceeding the specified supply voltage and/or
amperage range may cause unintended behavior and/or irreversible damage to the Prototype Products and/or connected applications. Please
consult the Prototype Products’ datasheet prior to connecting any load to the Prototype Products’ output. Applying loads outside of the speci-
fied output range may result in unintended behavior and/or permanent damage to the Prototype Products. If there is uncertainty as to the sup-
ply or load specification, please contact a Micropelt engineer.
 During normal operation, some circuit components may have case temperatures greater than 70°C. The Prototype Products are designed to
operate properly with certain components above 70°C as long as the input and output ranges are maintained. These components include but
are not limited to linear regulators, switching transistors, pass transistors, and current sense resistors. These types of devices can be identified
using the evaluation unit schematic located in the evaluation unit User's Guide. When placing measurement probes near these devices during
operation, please be aware that these devices may be as hot as to inflict the risk of burning skin when touched.
 Due to the open construction of the Prototype Products, it is the user’s responsibility to take any and all appropriate precautions with regard to
electrostatic discharge and any other prevention measures for safety.
4. User’s Feedback
Micropelt welcomes the user’s feedback on the results of any tests and evaluations of the Prototype Products. In particular, we appreciate experi-
ence information on use cases with indications of strengths and weaknesses of the Prototype Products, its robustness in operation and its long-
term durability. Please, contact our Micropelt Application Engineering colleagues by email at engineering@micropelt.com.
Prototype Products, its robustness in operation and its long-term durability. Please, contact our Micropelt Application Engineering colleagues by
email at engineering@micropelt.com.
Micropelt GmbH | Emmy-Noether-Str. 2 | 79110 Freiburg (Germany)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19