| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TGP-751 bảng dữ liệu(PDF) 18 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
TGP-751 bảng dữ liệu(HTML) 18 Page - List of Unclassifed Manufacturers |
|
18 / 19 page ![]() Micropelt - preliminary - Datasheet TE-CORE v2.5 | Page 18 Thermoharvesting Module Micropelt TE-CORE TE-Power PROBE TE-Power PROBE is an integrated thermohar- vester which we specifically designed for oper- ating conditions using natural convection to ambient air. A powerful heat sink ensures a high level of heat dissipation which leads to maximal thermoharvesting results when mounted in horizontal orientation. TE-CORE - DC-Power Module (only power supply) TE-CORE thermoharvesting power module with integrated TGP, efficient DC-booster and power management functions. TE-CORE/RF wireless sensor evaluation kit TE-CORE /RF is a complete thermo-powered, self- sufficient wireless sensor node system. It offers an efficient DC-booster and power management concept with prequalified 802.15.4 compatible radio module 2.4 GHz ISM band and evaluation software. TE-qNODE TE-qNODE is a battery-free wireless sensor for thermal monitoring of electrical distribution sys- tems, i.e. busbars and busways. Resistive heat is used to power continuous moni- toring for increased safety and power availability in 24/7 production environments. |