công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320C6670AXCYP2 bảng dữ liệu(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320C6670AXCYP2
Giải thích chi tiết về linh kiện  Multicore Fixed and Floating-Point System-on-Chip
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6670AXCYP2 bảng dữ liệu(HTML) 13 Page - Texas Instruments

Back Button TMS320C6670AXCYP2 Datasheet HTML 9Page - Texas Instruments TMS320C6670AXCYP2 Datasheet HTML 10Page - Texas Instruments TMS320C6670AXCYP2 Datasheet HTML 11Page - Texas Instruments TMS320C6670AXCYP2 Datasheet HTML 12Page - Texas Instruments TMS320C6670AXCYP2 Datasheet HTML 13Page - Texas Instruments TMS320C6670AXCYP2 Datasheet HTML 14Page - Texas Instruments TMS320C6670AXCYP2 Datasheet HTML 15Page - Texas Instruments TMS320C6670AXCYP2 Datasheet HTML 16Page - Texas Instruments TMS320C6670AXCYP2 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 226 page
background image
Multicore Fixed and Floating-Point System-on-Chip
SPRS689D—March 2012
TMS320C6670
Copyright 2012 Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
www.ti.com
1 TMS320C6670 Features
• Four TMS320C66x™ DSP Core Subsystems, Each With
– 1.0-GHz or 1.2-GHz C66x Fixed/Floating-Point
DSP Core
› 38.4 GMacs/Core for Fixed Point @ 1.2 GHz
› 19.2 GFlops/Core for Floating Point @ 1.2 GHz
–Memory
› 32K Byte L1P Per Core
› 32K Byte L1D Per Core
› 1024K Byte Local L2 Per Core
• Multicore Shared Memory Controller (MSMC)
– 2048KB MSM SRAM Memory Shared by Four DSP
Cores
– Memory Protection Unit for Both MSM SRAM and
DDR3_EMIF
• Hardware Coprocessors
– Three Enhanced Coprocessors for Turbo Decoding
› Supports WCDMA/HSPA/HSPA+/TD-SCDMA,
LTE, and WiMAX
› Supports up to 548 Mbps for LTE and up to
353 Mbps for WCDMA
› Low DSP Overhead – HW Interleaver Table
Generation and CRC Check
– One Enhanced Coprocessor for Turbo Encoding
› Supports up to 500 Mbps for LTE and WCDMA
– Four Viterbi Decoders
› Supports More Than 38 Mbps @ 40-bit Block
Size
– Two WCDMA Receive Acceleration Coprocessors
› Up to 256 Users @ 8 Fingers w/o Measurement
– WCDMA Transmit Acceleration Coprocessor
› Up to 256 Users with two Radio Links and
Diversity
– Three Fast Fourier Transform Coprocessors
› 2048 pt FFT in 4.8 μs
– Bit Rate Coprocessor
› WCDMA/HSPA+, TD-SCDMA, LTE, and WiMAX
Uplink and Downlink Bit Processing
› Includes Encoding, Rate Matching/Dematching,
Segmentation, Multiplexing, and More
› Supports Up To 914 Mbps for LTE and 405 Mbps
for WCDMA/TD-SCDMA
• Multicore Navigator
– 8192 Multipurpose Hardware Queues with Queue
Manager
– Packet-Based DMA for Zero-Overhead Transfers
• Network Coprocessor
– Packet Accelerator Enables Support for
› Transport Plane IPsec, GTP-U, SCTP, PDCP
› L2 User Plane PDCP (RoHC, Air Ciphering)
› 1 Gbps Wire-Speed Throughput at 1.5 M Packets
Per Second
– Security Accelerator Engine Enables Support for
› IPSec, SRTP, 3GPP and WiMAX Air Interface, and
SSL/TLS Security
› ECB, CBC, CTR, F8, A5/3, CCM, GCM, HMAC,
CMAC, GMAC, AES, DES, 3DES, Kasumi, SNOW
3G, SHA-1, SHA-2 (256-bit Hash), MD5
› Up to 2.8 Gbps Encryption Speed
• Four Rake/Search Accelerators (RSA) for
– Chip-Rate Processing for WCDMA Rel'99, HSDPA,
and HSDPA+
– Reed-Muller Decoding
• Peripherals
– Six-Lane SerDes-Based Antenna Interface (AIF2)
› Operating at up to 6.144 Gbps
› Compliant with OBSAI RP3 and CPRI Standards
for 3G / 4G (WCDMA, LTE TDD, LTE FDD,
TD-SCDMA, and WiMAX)
– Four Lanes of SRIO 2.1
› 5 GBaud Operation Per Lane
› Supports Direct I/O, Message Passing
– Two Lanes PCIe Gen2
› Supports Up To 5 GBaud Per Lane
– Hyperlink
› Supports Connections to Other KeyStone
Architecture Devices Providing Resource
Scalability
› Supports up to 50 Gbaud
– Gigabit Ethernet (GbE) Switch Subsystem
›Two SGMII Ports
› IEEE1588 Support
– 64-Bit DDR3 Interface with Speeds up to 1600 MHz
–UART Interface
–I
2C Interface
– Sixteen GPIO pins
–SPI Interface
– Semaphore Module
–Eight 64-Bit Timers
– Three On-Chip PLLs
• Commercial Temperature:
– 0°C to 100°C
• Extended Temperature:
– - 40°C to 100°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com