công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DM3725CUS bảng dữ liệu(PDF) 235 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện DM3725CUS
Giải thích chi tiết về linh kiện  Digital Media Processors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

DM3725CUS bảng dữ liệu(HTML) 235 Page - Texas Instruments

Back Button DM3725CUS Datasheet HTML 231Page - Texas Instruments DM3725CUS Datasheet HTML 232Page - Texas Instruments DM3725CUS Datasheet HTML 233Page - Texas Instruments DM3725CUS Datasheet HTML 234Page - Texas Instruments DM3725CUS Datasheet HTML 235Page - Texas Instruments DM3725CUS Datasheet HTML 236Page - Texas Instruments DM3725CUS Datasheet HTML 237Page - Texas Instruments DM3725CUS Datasheet HTML 238Page - Texas Instruments DM3725CUS Datasheet HTML 239Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 280 page
background image
SWPS038-080
hsusb0_clk
hsusb0_stp
hsusb0_dir
and
hsusb0_nxt
hsusb0_data[7:0]
Data_OUT
Data_IN
HSU1
HSU0
HSU1
HSU4
HSU2
HSU2
HSU6
HSU3
HSU5
DM3730, DM3725
www.ti.com
SPRS685D
– AUGUST 2010 – REVISED JULY 2011
Table 6-93. HSUSB0 Switching Characteristics
—12-bit Slave Mode(1)
NO.
PARAMETER
OPP100
UNIT
MIN
MAX
HSU1
td(clkL-STPV)
Delay time, hsusb0_clk high to output usb0_stp valid
8.6
ns
td(clkL-STPIV)
Delay time, hsusb0_clk high to output usb0_stp invalid
0
ns
HSU2
td(clkL-DV)
Delay time, hsusb0_clk high to output hsusb0_data[0:7] valid
8.6
ns
td(clkL-DIV)
Delay time, hsusb0_clk high to output hsusb0_data[0:7] invalid
0
ns
(1) See Section 4.3.4, Processor Clocks.
Figure 6-51. HSUSB0
—12-bit Slave Mode
6.6.4.2
HSUSB1 and HSUSB2
—Ports 1 and 2—12-bit Slave Mode
Table 6-95 and Table 6-96 assume testing over the recommended operating conditions and electrical
characteristic conditions below (see Figure 6-52).
Table 6-94. HSUSB1 and HSUSB2 Timing Conditions
—12-bit Master Mode
TIMING CONDITION PARAMETER
VALUE
UNIT
Input Conditions
tR
Input signal rise time
3
ns
tF
Input signal fall time
2
ns
Output Condition
CLOAD
Output load capacitance(1)
5
pF
(1) Buffer strength configuration: LB0 = 0.
Table 6-95. HSUSB1 and HSUSB2 Timing Requirements
—12-bit Master Mode(1) (2)
NO.
PARAMETER
OPP100
UNIT
MIN
MAX
HSU3
tsu(dirV-clkH)
Setup time, input direction control hsusbx_dir valid before output clock
9.3
ns
hsusbx_clk rising edge
tsu(nxtV-clkH)
Setup time, input next signal hsusbx_nxt valid before output clock
9.3
ns
hsusbx_clk rising edge
HSU4
th(clkH-dirIV)
Hold time, input direction control hsusbx_dir valid after output clock
–0.52
ns
hsusbx_clk rising edge
th(clkH-nxtIV)
Hold time, input next signal hsusbx_nxt valid after output clock
–0.52
ns
hsusbx_clk rising edge
HSU5
tsu(dV-clkH)
Setup time, input data hsusbx_data[7:0] valid before output clock
9.3
ns
hsusbx_clk rising edge
Copyright
© 2010–2011, Texas Instruments Incorporated
Timing Requirements and Switching Characteristics
235
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com