công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DM3725CUS bảng dữ liệu(PDF) 234 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện DM3725CUS
Giải thích chi tiết về linh kiện  Digital Media Processors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

DM3725CUS bảng dữ liệu(HTML) 234 Page - Texas Instruments

Back Button DM3725CUS Datasheet HTML 230Page - Texas Instruments DM3725CUS Datasheet HTML 231Page - Texas Instruments DM3725CUS Datasheet HTML 232Page - Texas Instruments DM3725CUS Datasheet HTML 233Page - Texas Instruments DM3725CUS Datasheet HTML 234Page - Texas Instruments DM3725CUS Datasheet HTML 235Page - Texas Instruments DM3725CUS Datasheet HTML 236Page - Texas Instruments DM3725CUS Datasheet HTML 237Page - Texas Instruments DM3725CUS Datasheet HTML 238Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 280 page
background image
DM3730, DM3725
SPRS685D
– AUGUST 2010 – REVISED JULY 2011
www.ti.com
6.6.4
Multiport High-Speed Universal Serial Bus (HS-USB)
NOTE
For more information, see High-Speed USB Host Subsystem and High-Speed USB OTG
Controller / High-Speed USB OTG Controller and High-Speed USB Host Subsystem and
High-Speed USB OTG Controller / High-Speed USB Host Subsystem sections of the
AM/DM37x Multimedia Device Technical Reference Manual (literature number SPRUGN4).
In addition to the full-speed (FS) USB controller, a high-speed (HS) USB OTG controller is incorporated in
the device. It allows high-speed transactions (up to 480 Mbit/s) on the USB ports 0, 1, 2, and 3 described
below:
•
Port 0:
– 12-bit slave mode (SDR)
•
Ports 1 and 2:
– 12-bit master mode (SDR)
•
Port 3:
6.6.4.1
HSUSB0
—Port 0—12-bit Slave Mode
Table 6-92 and Table 6-93 assume testing over the recommended operating conditions and electrical
characteristic conditions below (see Figure 6-51).
Table 6-91. HSUSB0 Timing Conditions
—12-bit Slave Mode
TIMING CONDITION PARAMETER
VALUE
UNIT
Input Conditions
tR
Input signal rise time
2
ns
tF
Input signal fall time
2
ns
Output Condition
CLOAD
Output load capacitance(1)
3.5
pF
(1) Buffer strength configuration: LB0 = 0.
Table 6-92. HSUSB0 Timing Requirements
—12-bit Slave Mode(3) (4)
NO.
PARAMETER
OPP100
UNIT
MIN
MAX
HSU0
fp(CLK)
hsusb0_clk clock frequency(1)
60.03
MHz
tJ(CLK)
Cycle jitter(2), hsusb0_clk
500
ps
HSU3
ts(DIRV-CLKH)
Setup time, hsusb0_dir valid before hsusb0_clk rising edge
6.68
ns
ts(NXTV-CLKH)
Setup time, hsusb0_nxt valid before hsusb0_clk rising edge
6.68
ns
HSU4
th(CLKH-DIRIV)
Hold time, hsusb0_dir valid after hsusb0_clk rising edge
0
ns
th(CLKH-NXT/IV)
Hold time, hsusb0_nxt valid after hsusb0_clk rising edge
0
ns
HSU5
ts(DATAV-CLKH)
Setup time, hsusb0_data[0:7] valid before hsusb0_clk rising edge
6.68
ns
HSU6
th(CLKH-DATIV)
Hold time, hsusb0_data[0:7] valid after hsusb0_clk rising edge
0
ns
(1) Related with the input maximum frequency supported by the USB module.
(2) Maximum cycle jitter supported by hsusb0_clk input clock
(3) The timing requirements are assured up to the cycle jitter error condition specified.
(4) See Section 4.3.4, Processor Clocks.
234
Timing Requirements and Switching Characteristics
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com