| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLV1117CDCY bảng dữ liệu(PDF) 14 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLV1117CDCY bảng dữ liệu(HTML) 14 Page - Texas Instruments |
|
14 / 36 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 31-Oct-2013 Addendum-Page 2 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples TLV1117-18CDRJRG4 ACTIVE SON DRJ 8 1000 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR 0 to 125 ZYK TLV1117-18CKVURG3 ACTIVE TO-252 KVU 3 2500 Green (RoHS & no Sb/Br) CU SN Level-3-260C-168 HR 0 to 125 ZE18 TLV1117-18IDCY ACTIVE SOT-223 DCY 4 80 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1 YEAR -40 to 125 T5 TLV1117-18IDCYG3 ACTIVE SOT-223 DCY 4 80 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1 YEAR -40 to 125 T5 TLV1117-18IDCYR ACTIVE SOT-223 DCY 4 2500 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1 YEAR -40 to 125 T5 TLV1117-18IDCYRG3 ACTIVE SOT-223 DCY 4 2500 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1 YEAR -40 to 125 T5 TLV1117-18IDRJR ACTIVE SON DRJ 8 1000 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR -40 to 125 ZYL TLV1117-18IDRJRG4 ACTIVE SON DRJ 8 1000 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR -40 to 125 ZYL TLV1117-18IKVURG3 ACTIVE TO-252 KVU 3 2500 Green (RoHS & no Sb/Br) CU SN Level-3-260C-168 HR -40 to 125 ZF18 TLV1117-25CDCY ACTIVE SOT-223 DCY 4 80 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1 YEAR 0 to 125 T6 TLV1117-25CDCYG3 ACTIVE SOT-223 DCY 4 80 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1 YEAR 0 to 125 T6 TLV1117-25CDCYR ACTIVE SOT-223 DCY 4 2500 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1 YEAR 0 to 125 T6 TLV1117-25CDCYRG3 ACTIVE SOT-223 DCY 4 2500 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1 YEAR 0 to 125 T6 TLV1117-25CKVURG3 ACTIVE TO-252 KVU 3 2500 Green (RoHS & no Sb/Br) CU SN Level-3-260C-168 HR 0 to 125 ZE25 TLV1117-25IDCY ACTIVE SOT-223 DCY 4 80 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1 YEAR -40 to 125 T8 TLV1117-25IDCYG3 ACTIVE SOT-223 DCY 4 80 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1 YEAR -40 to 125 T8 TLV1117-25IDCYR ACTIVE SOT-223 DCY 4 2500 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1 YEAR -40 to 125 T8 TLV1117-25IDCYRG3 ACTIVE SOT-223 DCY 4 2500 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1 YEAR -40 to 125 T8 |