công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320DM6467CCUTAV bảng dữ liệu(PDF) 89 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320DM6467CCUTAV
Giải thích chi tiết về linh kiện  Digital Media System-on-Chip
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM6467CCUTAV bảng dữ liệu(HTML) 89 Page - Texas Instruments

Back Button TMS320DM6467CCUTAV Datasheet HTML 85Page - Texas Instruments TMS320DM6467CCUTAV Datasheet HTML 86Page - Texas Instruments TMS320DM6467CCUTAV Datasheet HTML 87Page - Texas Instruments TMS320DM6467CCUTAV Datasheet HTML 88Page - Texas Instruments TMS320DM6467CCUTAV Datasheet HTML 89Page - Texas Instruments TMS320DM6467CCUTAV Datasheet HTML 90Page - Texas Instruments TMS320DM6467CCUTAV Datasheet HTML 91Page - Texas Instruments TMS320DM6467CCUTAV Datasheet HTML 92Page - Texas Instruments TMS320DM6467CCUTAV Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 355 page
background image
TMS320DM6467
www.ti.com
SPRS403H – DECEMBER 2007 – REVISED JUNE 2012
4.3
Clock Considerations
Global device and local peripheral clocks are controlled by the PLL Controllers (PLLC1 and PLLC2) and
the Power and Sleep Controller (PSC). In addition, the System Module Video Clock Control (VIDCLKCTL),
TSIF Control (TSIFCTL), and Clock and Oscillator Control (CLKCTL) registers configure the clock sources
to the VPIF, TSIF, CRGEN peripherals, and the Auxiliary Oscillator.
The selected Video, TSIF, and CRGEN module input clocks are disabled using the System Module Video
Source Clock Disable (VSCLKDIS) register. Note: To ensure glitch-free operation, the clock should be
disabled before changing the clock source frequency or muxing via the VIDCLKCTL and TSIFCTL.
4.3.1
Clock Configurations after Device Reset
After device reset, the user is responsible for programming the PLL Controllers (PLLC1 and PLLC2) and
the Power and Sleep Controller (PSC) to bring the device up to the desired clock frequency and the
desired peripheral clock state (clock gating or not).
For additional power savings, some of the DM6467 peripherals support clock gating within the peripheral
boundary. For more details on clock gating and power saving features supported by a specific peripheral,
see the peripheral-specific reference/user's guides [listed/linked in the TMS320DM646x DMSoC
Peripherals Overview Reference Guide (literature number SPRUEQ0)].
4.3.1.1
Device Clock Frequency
The DM6467 defaults to PLL bypass mode. If the ROM bootloader is selected (BTMODE[3:0]
≠ 0100), the
bootloader code programs PLLC1 and PLLC2.
Section 4.4.1, Boot Modes discusses the different boot modes in more detail.
The user must adhere to the various clock requirements when programming the PLLC1 and PLLC2:
•
PLL multiplier and frequency ranges. For more details on PLL multiplier and frequency ranges, see
Section 7.5.1, PLL1 and PLL2.
4.3.1.2
Module Clock State
The clock and reset state for each of the modules is controlled by the Power and Sleep Controller (PSC).
Table 4-3 shows the default state of each module after a device-level global reset. The DM6467 device
has four different module states—Enable, Disable, SyncReset, or SwRstDisable. For more information on
the definitions of the module states, the PSC, and PSC programming, see Section 7.3.5, Power and Sleep
Controller (PSC) and the TMS320DM646x DMSoC ARM Subsystem Reference Guide (literature number
SPRUEP9).
Copyright © 2007–2012, Texas Instruments Incorporated
Device Configurations
89
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6467



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com