| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18C601 bảng dữ liệu(PDF) 16 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18C601 bảng dữ liệu(HTML) 16 Page - Microchip Technology |
|
16 / 320 page ![]() PIC18C601/801 DS39541A-page 16 Advance Information 2001 Microchip Technology Inc. PORTD is a bi-directional I/O port. These pins have TTL input buffers when external memory is enabled. RD0/AD0 RD0 AD0 583723 I/O I/O ST TTL Digital I/O. External memory address/data 0. RD1/AD1 RD1 AD1 55 67 69 83 I/O I/O ST TTL Digital I/O. External memory address/data 1. RD2/AD2 RD2 AD2 54 66 68 82 I/O I/O ST TTL Digital I/O. External memory address/data 2. RD3/AD3 RD3 AD3 53 65 67 81 I/O I/O ST TTL Digital I/O. External memory address/data 3. RD4/AD4 RD4 AD4 52 64 66 80 I/O I/O ST TTL Digital I/O. External memory address/data 4. RD5/AD5 RD5 AD5 51 63 65 79 I/O I/O ST TTL Digital I/O. External memory address/data 5. RD6/AD6 RD6 AD6 50 62 64 78 I/O I/O ST TTL Digital I/O. External memory address/data 6. RD7/AD7 RD7 AD7 49 61 63 77 I/O I/O ST TTL Digital I/O. External memory address/data 7. TABLE 1-2: PINOUT I/O DESCRIPTIONS (CONTINUED) Pin Name Pin Number Pin Type Buffer Type PIC18C601 PIC18C801 TQFP PLCC TQFP PLCC Description Legend: TTL = TTL compatible input CMOS = CMOS compatible input or output ST = Schmitt Trigger input with CMOS levels Analog = Analog input I = Input O = Output P = Power OD = Open Drain (no P diode to VDD) |