công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18C601 bảng dữ liệu(PDF) 86 Page - Microchip Technology

tên linh kiện PIC18C601
Giải thích chi tiết về linh kiện  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18C601 bảng dữ liệu(HTML) 86 Page - Microchip Technology

Back Button PIC18C601 Datasheet HTML 82Page - Microchip Technology PIC18C601 Datasheet HTML 83Page - Microchip Technology PIC18C601 Datasheet HTML 84Page - Microchip Technology PIC18C601 Datasheet HTML 85Page - Microchip Technology PIC18C601 Datasheet HTML 86Page - Microchip Technology PIC18C601 Datasheet HTML 87Page - Microchip Technology PIC18C601 Datasheet HTML 88Page - Microchip Technology PIC18C601 Datasheet HTML 89Page - Microchip Technology PIC18C601 Datasheet HTML 90Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 320 page
background image
PIC18C601/801
DS39541A-page 86
Advance Information
 2001 Microchip Technology Inc.
7.1
Operation
Example 7-1 shows the sequence to perform an 8 x 8
unsigned multiply. Only one instruction is required
when one argument of the multiply is already loaded in
the WREG register.
Example 7-2 shows the sequence to do an 8 x 8 signed
multiply. To account for the sign bits of the arguments,
each argument’s most significant bit (MSb) is tested
and the appropriate subtractions are done.
EXAMPLE 7-1:
8 x 8 UNSIGNED
MULTIPLY ROUTINE
EXAMPLE 7-2:
8 x 8 SIGNED MULTIPLY
ROUTINE
Example 7-3 shows the sequence to perform a 16 x 16
unsigned multiply. Equation 7-1 shows the algorithm
that is used. The 32-bit result is stored in 4 registers
RES3:RES0.
EQUATION 7-1:
16 x 16 UNSIGNED
MULTIPLICATION
ALGORITHM
EXAMPLE 7-3:
16 x 16 UNSIGNED
MULTIPLY ROUTINE
Example 7-4 shows the sequence to perform a 16 x 16
signed multiply. Equation 7-2 shows the algorithm
used. The 32-bit result is stored in four registers,
RES3:RES0. To account for the sign bits of the argu-
ments, each argument pairs’ most significant bit (MSb)
is tested and the appropriate subtractions are done.
EQUATION 7-2:
16 x 16 SIGNED
MULTIPLICATION
ALGORITHM
MOVFF
ARG1, WREG
;
MULWF
ARG2
; ARG1 * ARG2 ->
;
PRODH:PRODL
MOVFF
ARG1, WREG
MULWF
ARG2
; ARG1 * ARG2 ->
; PRODH:PRODL
BTFSC
ARG2, SB
; Test Sign Bit
SUBWF
PRODH
; PRODH = PRODH
;
- ARG1
MOVFF
ARG2, WREG
BTFSC
ARG1, SB
; Test Sign Bit
SUBWF
PRODH
; PRODH = PRODH
;
- ARG2
RES3:RES0
=
ARG1H:ARG1L
• ARG2H:ARG2L
=
(ARG1H
• ARG2H • 216)+
(ARG1H
• ARG2L • 28)+
(ARG1L
• ARG2H • 28)+
(ARG1L
• ARG2L)
MOVFF
ARG1L, WREG
MULWF
ARG2L
; ARG1L * ARG2L ->
; PRODH:PRODL
MOVFF
PRODH, RES1
;
MOVFF
PRODL, RES0
;
;
MOVFF
ARG1H, WREG
MULWF
ARG2H
; ARG1H * ARG2H ->
; PRODH:PRODL
MOVFF
PRODH, RES3
;
MOVFF
PRODL, RES2
;
;
MOVFF
ARG1L, WREG
MULWF
ARG2H
; ARG1L * ARG2H ->
; PRODH:PRODL
MOVF
PRODL, W
;
ADDWF
RES1
; Add cross
MOVF
PRODH, W
; products
ADDWFC
RES2
;
CLRF
WREG
;
ADDWFC
RES3
;
;
MOVFF
ARG1H, WREG
;
MULWF
ARG2L
; ARG1H * ARG2L ->
; PRODH:PRODL
MOVF
PRODL, W
;
ADDWF
RES1
; Add cross
MOVF
PRODH, W
; products
ADDWFC
RES2
;
CLRF
WREG
;
ADDWFC
RES3
;
RES3:RES0
=
ARG1H:ARG1L
• ARG2H:ARG2L
=
(ARG1H
• ARG2H • 216)+
(ARG1H
• ARG2L • 28)+
(ARG1L
• ARG2H • 28)+
(ARG1L
• ARG2L)
+
(-1
• ARG2H<7> • ARG1H:ARG1L • 216)+
(-1
• ARG1H<7> • ARG2H:ARG2L • 216)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More