công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSPIC30F0010AT-30E/PF bảng dữ liệu(PDF) 73 Page - Microchip Technology

tên linh kiện DSPIC30F0010AT-30E/PF
Giải thích chi tiết về linh kiện  High-Performance, 16-Bit Digital Signal Controllers
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F0010AT-30E/PF bảng dữ liệu(HTML) 73 Page - Microchip Technology

Back Button DSPIC30F0010AT-30E/PF Datasheet HTML 69Page - Microchip Technology DSPIC30F0010AT-30E/PF Datasheet HTML 70Page - Microchip Technology DSPIC30F0010AT-30E/PF Datasheet HTML 71Page - Microchip Technology DSPIC30F0010AT-30E/PF Datasheet HTML 72Page - Microchip Technology DSPIC30F0010AT-30E/PF Datasheet HTML 73Page - Microchip Technology DSPIC30F0010AT-30E/PF Datasheet HTML 74Page - Microchip Technology DSPIC30F0010AT-30E/PF Datasheet HTML 75Page - Microchip Technology DSPIC30F0010AT-30E/PF Datasheet HTML 76Page - Microchip Technology DSPIC30F0010AT-30E/PF Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 236 page
background image
© 2007 Microchip Technology Inc.
DS70150C-page 71
dsPIC30F6010A/6015
FIGURE 10-5:
16-BIT TIMER3 BLOCK DIAGRAM (TYPE C TIMER)
TON
PR3
T3IF
Equal
Comparator x 16
TMR3
Reset
Event Flag
Q
Q
D
CK
TGATE
TCKPS<1:0>
Prescaler
1, 8, 64, 256
2
TGATE
TCY
1
0
1 x
0 1
0 0
ADC Event Trigger
Sync
Note: The dsPIC30F6010A/6015 devices do not have an external pin input to Timer3. These modes should not be used:
1. TCS = 1
2. TCS = 0 and TGATE = 1 (gated time accumulation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More