| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DSPIC30F0010AT-30E/PF bảng dữ liệu(PDF) 72 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC30F0010AT-30E/PF bảng dữ liệu(HTML) 72 Page - Microchip Technology |
|
72 / 236 page ![]() dsPIC30F6010A/6015 DS70150C-page 70 © 2007 Microchip Technology Inc. FIGURE 10-3: 16-BIT TIMER2 BLOCK DIAGRAM (TYPE B TIMER) FOR dsPIC30F6010A FIGURE 10-4: 16-BIT TIMER2 BLOCK DIAGRAM (TYPE B TIMER) FOR DSPIC30F6015 TON Sync PR2 T2IF Equal Comparator x 16 TMR2 Reset Event Flag Q QD CK TGATE TCKPS<1:0> Prescaler 1, 8, 64, 256 2 TGATE TCY 1 0 1 x 0 1 0 0 Gate T2CK Sync TON Sync PR2 T2IF Equal Comparator x 16 TMR2 Reset Event Flag Q QD CK TGATE TCKPS<1:0> Prescaler 1, 8, 64, 256 2 TGATE TCY 1 0 1 x 0 1 0 0 Gate Sync Note: The dsPIC30F6015 does not have an external pin input to TIMER2. The following modes should not be used: 1. TCS = 1 2. TCS = 0 and TGATE = 1 (gated time accumulation) |