công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCM1802DBRG4 bảng dữ liệu(PDF) 3 Page - Texas Instruments

tên linh kiện PCM1802DBRG4
Giải thích chi tiết về linh kiện  SINGLE-ENDED ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1802DBRG4 bảng dữ liệu(HTML) 3 Page - Texas Instruments

  PCM1802DBRG4 Datasheet HTML 1Page - Texas Instruments PCM1802DBRG4 Datasheet HTML 2Page - Texas Instruments PCM1802DBRG4 Datasheet HTML 3Page - Texas Instruments PCM1802DBRG4 Datasheet HTML 4Page - Texas Instruments PCM1802DBRG4 Datasheet HTML 5Page - Texas Instruments PCM1802DBRG4 Datasheet HTML 6Page - Texas Instruments PCM1802DBRG4 Datasheet HTML 7Page - Texas Instruments PCM1802DBRG4 Datasheet HTML 8Page - Texas Instruments PCM1802DBRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
PCM1802
SLES023C – DECEMBER 2001 – REVISED JANUARY 2005
Terminal Functions
TERMINAL
I/O
DESCRIPTIONS
NAME
PIN
AGND
6
–
Analog GND
BCK
11
I/O
Bit clock input/output(1)
BYPAS
8
I
HPF bypass control. Low: normal mode (dc cut); High: bypass mode (through)(2)
DGND
13
–
Digital GND
DOUT
12
O
Audio data output
FMT0
17
I
Audio data format select 0. See data format(2)
FMT1
18
I
Audio data format select 1. See data format(2)
FSYNC
9
I/O
Frame synchronous clock input/output(1)
LRCK
10
I/O
Sampling clock input/output(1)
MODE0
19
I
Mode select 0. See interface mode(2)
MODE1
20
I
Mode select 1. See interface mode(2)
OSR
16
I
Oversampling ratio select. Low:
×64 f
S; High: ×128 fS
(2)
PDWN
7
I
Power-down control, active-low(2)
SCKI
15
I
System clock input; 256 fS, 384 fS, 512 fS, or 768 fS(3)
VCC
5
–
Analog power supply, 5 V
VDD
14
–
Digital power supply, 3.3 V
VINL
1
I
Analog input, L-channel
VINR
2
I
Analog input, R-channel
VREF1
3
–
Reference-1 decoupling capacitor
VREF2
4
–
Reference-2 voltage input, normally connected to VCC
(1)
Schmitt-trigger input
(2)
Schmitt-trigger input with internal pulldown (50 k
Ω typically), 5-V tolerant
(3)
Schmitt-trigger input, 5-V tolerant
over operating free-air temperature range (unless otherwise noted)(1)
Supply voltage
VCC
6.5 V
VDD
4 V
Ground voltage differences
AGND, DGND
±0.1 V
Supply voltage difference
VCC, VDD
VCC – VDD < 3.0 V
Digital input voltage
FSYNC, LRCK, BCK, DOUT
–0.3 V to (VDD + 0.3 V)
PDWN, BYPAS, SCKI, OSR, FMT0, FMT1, MODE0, MODE1
–0.3 V to 6.5 V
Analog input voltage
VINL, VINR, VREF1, VREF2
–0.3 V to (VCC + 0.3 V)
Input current (any pins except supplies)
±10 mA
Ambient temperature under bias
–40
°C to 125°C
Storage temperature
–55
°C to 150°C
Junction temperature
150
°C
Lead temperature (soldering)
260
°C, 5 s
Package temperature (IR reflow, peak)
260
°C
(1)
Stresses beyond those listed under "absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com