| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN74LS32FN bảng dữ liệu(PDF) 10 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74LS32FN bảng dữ liệu(HTML) 10 Page - Texas Instruments |
|
10 / 23 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 25-Sep-2013 Addendum-Page 5 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples SN74S32DRE4 ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 S32 SN74S32DRG4 ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 S32 SN74S32DRG4 ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 S32 SN74S32N ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN74S32N SN74S32N ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN74S32N SN74S32N3 OBSOLETE PDIP N 14 TBD Call TI Call TI 0 to 70 SN74S32N3 OBSOLETE PDIP N 14 TBD Call TI Call TI 0 to 70 SN74S32NE4 ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN74S32N SN74S32NE4 ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN74S32N SNJ5432J ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 5962-9557401QC A SNJ5432J SNJ5432J ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 5962-9557401QC A SNJ5432J SNJ5432W ACTIVE CFP W 14 1 TBD A42 N / A for Pkg Type -55 to 125 5962-9557401QD A SNJ5432W SNJ5432W ACTIVE CFP W 14 1 TBD A42 N / A for Pkg Type -55 to 125 5962-9557401QD A SNJ5432W SNJ54LS32FK ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type -55 to 125 SNJ54LS 32FK SNJ54LS32FK ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type -55 to 125 SNJ54LS 32FK SNJ54LS32J ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 SNJ54LS32J SNJ54LS32J ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 SNJ54LS32J |