| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN74LS32FN bảng dữ liệu(PDF) 7 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74LS32FN bảng dữ liệu(HTML) 7 Page - Texas Instruments |
|
7 / 23 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 25-Sep-2013 Addendum-Page 2 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples M38510/30501BCA ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 JM38510/ 30501BCA M38510/30501BDA ACTIVE CFP W 14 1 TBD A42 N / A for Pkg Type -55 to 125 JM38510/ 30501BDA M38510/30501BDA ACTIVE CFP W 14 1 TBD A42 N / A for Pkg Type -55 to 125 JM38510/ 30501BDA M38510/30501SCA ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 JM38510/ 30501SCA M38510/30501SCA ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 JM38510/ 30501SCA M38510/30501SDA ACTIVE CFP W 14 1 TBD A42 N / A for Pkg Type -55 to 125 JM38510/ 30501SDA M38510/30501SDA ACTIVE CFP W 14 1 TBD A42 N / A for Pkg Type -55 to 125 JM38510/ 30501SDA SN5432J ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 SN5432J SN5432J ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 SN5432J SN54LS32J ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 SN54LS32J SN54LS32J ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 SN54LS32J SN54S32J ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 SN54S32J SN54S32J ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 SN54S32J SN7432N ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN7432N SN7432N ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN7432N SN7432N3 OBSOLETE PDIP N 14 TBD Call TI Call TI 0 to 70 SN7432N3 OBSOLETE PDIP N 14 TBD Call TI Call TI 0 to 70 SN7432NE4 ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN7432N SN7432NE4 ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN7432N SN74LS32D ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS32 |