| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320DM6467CCUTAV bảng dữ liệu(PDF) 59 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM6467CCUTAV bảng dữ liệu(HTML) 59 Page - Texas Instruments |
|
59 / 355 page ![]() TMS320DM6467 www.ti.com SPRS403H – DECEMBER 2007 – REVISED JUNE 2012 3.7.16 Serial Peripheral Interface (SPI) Table 3-20. SPI Terminal Functions SIGNAL TYPE(1) OTHER(2) (3) DESCRIPTION NAME NO. SPI IPD SPI_CLK V1 I/O/Z SPI clock DVDD33 IPD SPI_EN T5 I/O/Z SPI device enable DVDD33 IPD SPI_CS0 T4 I/O/Z SPI chip select 0 DVDD33 IPD SPI_CS1 U3 I/O/Z SPI chip select 1 DVDD33 IPD SPI_SOMI R5 I/O/Z SPI slave out, master in data pin DVDD33 IPD SPI_SIMO P5 I/O/Z SPI slave in, master out data pin DVDD33 (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal (2) IPD = Internal pulldown, IPU = Internal pullup. For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown resistors are required, see Section 4.8.1, Pullup/Pulldown Resistors. (3) Specifies the operating I/O supply voltage for each signal Copyright © 2007–2012, Texas Instruments Incorporated Device Overview 59 Submit Documentation Feedback Product Folder Link(s): TMS320DM6467 |