| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADMC331BSTZ bảng dữ liệu(PDF) 34 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADMC331BSTZ bảng dữ liệu(HTML) 34 Page - Analog Devices |
|
34 / 36 page ![]() ADMC331 –34– REV. B 1 1 0 0 0 IRQ0 SENSITIVITY 0 = LEVEL 1 = EDGE ICNTL IRQ1 SENSITIVITY IRQ2 SENSITIVITY INTERRUPT NESTING 0 = DISABLE 1 = ENABLE DSP REGISTER SPORT1 RECEIVE OR IRQ0 IFC INTERRUPT FORCE INTERRUPT CLEAR 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 TIMER SOFTWARE 0 SOFTWARE 1 SPORT0 RECEIVE SPORT0 TRANSMIT IRQ2 SPORT1 RECEIVE OR IRQ0 TIMER SOFTWARE 0 SOFTWARE 1 SPORT0 RECEIVE SPORT0 TRANSMIT SPORT1 TRANSMIT OR IRQ1 IRQ2 DSP REGISTER 432 1 0 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 SPORT1 TRANSMIT OR IRQ1 IMASK (R/W) PERIPHERAL (OR IRQ2) RESERVED (SET TO 0) SPORT0 TRANSMIT SPORT0 RECEIVE TIMER SPORT1 RECEIVE (OR IRQ0) SPORT1 TRANSMIT (OR IRQ1) SOFTWARE 0 SOFTWARE 1 0 0 0 0 0 0 0 00 0 0 00 1 1 0 DSP REGISTER 0 = DISABLE (MASK) 1 = ENABLE 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 0 = DISABLE (MASK) 1 = ENABLE Figure 23. Configuration of ADMC331 Registers |