| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADMC331BSTZ bảng dữ liệu(PDF) 33 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADMC331BSTZ bảng dữ liệu(HTML) 33 Page - Analog Devices |
|
33 / 36 page ![]() ADMC331 –33– REV. B 0 0 0 0 0 0 00 0 0 0 SYSSTAT (R) 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 0 = LOW 1 = HIGH DM (0x2016) 0 = NORMAL 1 = WATCHDOG RESET OCCURRED PWMTRIP PIN STATUS 0 = LOW 1 = HIGH WATCHDOG STATUS PWMPOL PIN STATUS PWMSR PIN STATUS 1 = SR MODE 0 = NORMAL PWM TIMER STATUS 0 = 1ST HALF OF PWM CYCLE 1 = 2ND HALF OF PWM CYCLE 0 0 00 0 0 0 00 0 0 00 0 0 0 MODECTRL (R/W) DM (0x2015) SPORT1 DATA RECEIVE SELECT 0 = DR1A 1 = DR1B 0 = SPORT 1 = UART SPORT1 MODE SELECT PWM UPDATE MODE SELECT 0 = SINGLE UPDATE MODE 1 = DOUBLE UPDATE MODE 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ADC MUX CONTROL 00 VAUX0 01 VAUX1 10 VAUX2 11 VAUX3 PWMTRIP INTERRUPT 0 = DISABLE 1 = ENABLE PWMSYNC INTERRUPT 0 = DISABLE 1 = ENABLE AUXILIARY PWM SELECT 0 = OFFSET MODE 1 = INDEPENDENT MODE ADC COUNTER SELECT 0 = 1/2 DSP CLOCKOUT FREQUENCY 1 = DSP CLOCKOUT FREQUENCY 0 0 00 0 0 0 00 0 0 0 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 0 0 00 IRQFLAG (R) PWMTRIP 1 = ACTIVE PWMSYNC 1 = ACTIVE DM (0x2017) 0 0 0 0 0 0 00 0 0 00 0 0 00 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 WDTIMER (W) DM (0x2018) Figure 22. Configuration of ADMC331 Registers Default bit values are shown; if no value is shown, the bit field is undefined at reset. Reserved bits are shown on a gray field—these bits should always be written as shown. |