công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADF4154BCPZ bảng dữ liệu(PDF) 3 Page - Analog Devices

tên linh kiện ADF4154BCPZ
Giải thích chi tiết về linh kiện  Fractional-N Frequency Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADF4154BCPZ bảng dữ liệu(HTML) 3 Page - Analog Devices

  ADF4154BCPZ Datasheet HTML 1Page - Analog Devices ADF4154BCPZ Datasheet HTML 2Page - Analog Devices ADF4154BCPZ Datasheet HTML 3Page - Analog Devices ADF4154BCPZ Datasheet HTML 4Page - Analog Devices ADF4154BCPZ Datasheet HTML 5Page - Analog Devices ADF4154BCPZ Datasheet HTML 6Page - Analog Devices ADF4154BCPZ Datasheet HTML 7Page - Analog Devices ADF4154BCPZ Datasheet HTML 8Page - Analog Devices ADF4154BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet
ADF4154
Rev. C | Page 3 of 24
SPECIFICATIONS
AVDD = DVDD = SDVDD = 2.7 V to 3.3 V; VP = AVDD to 5.5 V; AGND = DGND = 0 V; TA = TMIN to TMAX, unless otherwise noted; dBm
referred to 50 Ω. The operating temperature for the B version is −40°C to +80°C.
Table 1.
Parameter
B Version
Unit
Test Conditions/Comments
RF CHARACTERISTICS (3 V)
See
Figure 15 for the input circuit.
RF Input Frequency (RFIN)1
0.5/4.0
GHz min/max
−8 dBm/0 dBm min/max. For lower frequencies, ensure slew rate > 400 V/µs.
1.0/4.0
GHz min/max
−10 dBm/0 dBm min/max.
REFERENCE CHARACTERISTICS
See
Figure 14 for input circuit.
REFIN Input Frequency1
10/250
MHz min/max
For f < 10 MHz, use a dc-coupled, CMOS-compatible square wave,
slew rate > 25 V/µs.
REFIN Input Sensitivity
0.7/AVDD
V p-p min/max
Biased at AVDD/2.2
REFIN Input Capacitance
10
pF max
REFIN Input Current
±100
µA max
PHASE DETECTOR
Phase Detector Frequency3
32
MHz max
CHARGE PUMP
ICP Sink/Source
Programmable. See
Table 5.
High Value
5
mA typ
With RSET = 5.1 kΩ.
Low Value
312.5
µA typ
Absolute Accuracy
2.5
% typ
With RSET = 5.1 kΩ.
RSET Range
2.7/10
kΩ min/max
ICP Three-State Leakage Current
1
nA typ
Sink and source current.
Matching
2
% typ
0.5 V < VCP < VP − 0.5 V.
ICP vs. VCP
2
% typ
0.5 V < VCP < VP − 0.5 V.
ICP vs. Temperature
2
% typ
VCP = VP/2.
LOGIC INPUTS
VINH, Input High Voltage
1.4
V min
VINL, Input Low Voltage
0.6
V max
IINH/IINL, Input Current
±1
µA max
CIN, Input Capacitance
10
pF max
LOGIC OUTPUTS
VOH, Output High Voltage
1.4
V min
Open-drain 1 kΩ pull-up to 1.8 V.
VOL, Output Low Voltage
0.4
V max
IOL = 500 µA.
POWER SUPPLIES
AVDD
2.7/3.3
V min/V max
DVDD, SDVDD
AVDD
VP
AVDD/5.5
V min/V max
IDD
24
mA max
20 mA typical.
Low Power Sleep Mode
1
µA typ
NOISE CHARACTERISTICS
Normalized Phase Noise Floor
(PNSYNTH)4
−220
dBc/Hz typ
PLL loop BW = 500 kHz.
Measured at 100 kHz offset.
Normalized 1/f Noise (PN1_f)5
−114
dBc/Hz typ
10 kHz offset; normalized to 1GHz.
Phase Noise Performance6
@ VCO output.
1750 MHz Output7
−102
dBc/Hz typ
@ 1 kHz offset, 26 MHz PFD frequency.
1
Use a square wave for frequencies below fMIN.
2
AC coupling ensures AVDD/2 bias. See Figure 14 for a typical circuit.
3
Guaranteed by design. Sample tested to ensure compliance.
4
The synthesizer phase noise floor is estimated by measuring the in-band phase noise at the output of the VCO and subtracting 20 log(N) (where N is the N divider
value) and 10 log(FPFD). PNSYNTH = PNTOT − 10 log(FPFD) − 20 log(N).
5
The PLL phase noise is composed of 1/f (flicker) noise plus the normalized PLL noise floor. The formula for calculating the 1/f noise contribution at an RF frequency, FRF,
and at a frequency offset f is given by PN = PN1_f + 10 log(10 kHz/f) + 20 log(FRF/1 GHz). Both the normalized phase noise floor and flicker noise are modeled in ADIsimPLL.
6
The phase noise is measured with the EVAL-ADF4154EB1 and the HP8562E spectrum analyzer.
7
fREFIN = 26 MHz, fPFD = 26 MHz, offset frequency = 1 kHz, RFOUT = 1750 MHz, loop B/W = 20 kHz, lowest noise mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24