| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32L152V8 bảng dữ liệu(PDF) 62 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L152V8 bảng dữ liệu(HTML) 62 Page - STMicroelectronics |
|
62 / 121 page ![]() Electrical characteristics STM32L151x6/8/B, STM32L152x6/8/B 62/121 Doc ID 17659 Rev 8 Wakeup time from Low power mode The wakeup times given in the following table are measured with the MSI RC oscillator. The clock source used to wake up the device depends on the current operating mode: ● Sleep mode: the clock source is the clock that was set before entering Sleep mode ● Stop mode: the clock source is the MSI oscillator in the range configured before entering Stop mode ● Standby mode: the clock source is the MSI oscillator running at 2.1 MHz All timings are derived from tests performed under ambient temperature and VDD supply voltage conditions summarized in Table 14. Table 24. Typical and maximum timings in Low power modes Symbol Parameter Conditions Typ Max(1) 1. Based on characterization, not tested in production, unless otherwise specified Unit tWUSLEEP Wakeup from Sleep mode fHCLK = 32 MHz 0.36 µs tWUSLEEP_LP Wakeup from Low power sleep mode fHCLK = 262 kHz fHCLK = 262 kHz Flash enabled 32 fHCLK = 262 kHz Flash switched OFF 34 tWUSTOP Wakeup from Stop mode, regulator in Run mode fHCLK = fMSI = 4.2 MHz 8.2 Wakeup from Stop mode, regulator in low power mode fHCLK = fMSI = 4.2 MHz Voltage range 1 and 2 8.2 9.3 fHCLK = fMSI = 4.2 MHz Voltage range 3 7.8 11.2 fHCLK = fMSI = 2.1 MHz 10 12 fHCLK = fMSI = 1.05 MHz 15.5 20 fHCLK = fMSI = 524 kHz 29 35 fHCLK = fMSI = 262 kHz 53 63 fHCLK = fMSI = 131 kHz 105 118 fHCLK = MSI = 65 kHz 210 237 tWUSTDBY Wakeup from Standby mode FWU bit = 1 fHCLK = MSI = 2.1 MHz 50 103 Wakeup from Standby mode FWU bit = 0 fHCLK = MSI = 2.1 MHz 2.5 3.2 ms |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |