| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32L152V8 bảng dữ liệu(PDF) 57 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L152V8 bảng dữ liệu(HTML) 57 Page - STMicroelectronics |
|
57 / 121 page ![]() STM32L151x6/8/B, STM32L152x6/8/B Electrical characteristics Doc ID 17659 Rev 8 57/121 1. Based on characterization, not tested in production, unless otherwise specified. 2. Oscillator bypassed (HSEBYP = 1 in RCC_CR register) 3. Tested in production Table 20. Current consumption in Low power run mode Symbol Parameter Conditions Typ Max (1) Unit IDD (LP Run) Supply current in Low power run mode All peripherals OFF, code executed from RAM, Flash switched OFF, VDD from 1.65 V to 3.6 V MSI clock, 65 kHz fHCLK = 32 kHz TA = -40 °C to 25 °C 9 12 µA TA = 85 °C 17.5 24 TA = 105 °C 31 46 MSI clock, 65 kHz fHCLK = 65 kHz TA = -40 °C to 25 °C 14 17 TA = 85 °C 22 29 TA = 105 °C 35 51 MSI clock, 131 kHz fHCLK = 131 kHz TA = -40 °C to 25 °C 37 42 TA = 55 °C 37 42 TA = 85 °C 37 42 TA = 105 °C 48 65 All peripherals OFF, code executed from Flash, VDD from 1.65 V to 3.6 V MSI clock, 65 kHz fHCLK = 32 kHz TA = -40 °C to 25 °C 24 32 TA = 85 °C 33 42 TA = 105 °C 48 64 MSI clock, 65 kHz fHCLK = 65 kHz TA = -40 °C to 25 °C 31 40 TA = 85 °C 40 48 TA = 105 °C 54 70 MSI clock, 131 kHz fHCLK = 131 kHz TA = -40 °C to 25 °C 48 58 TA = 55 °C 54 63 TA = 85 °C 56 65 TA = 105 °C 70 90 IDD Max (LP Run)(2) Max allowed current in Low power run mode VDD from 1.65 V to 3.6 V 200 1. Based on characterization, not tested in production, unless otherwise specified. 2. This limitation is related to the consumption of the CPU core and the peripherals that are powered by the regulator. Consumption of the I/Os is not included in this limitation. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |